Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 9 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 5Page - Texas Instruments CC115LRGPR Datasheet HTML 6Page - Texas Instruments CC115LRGPR Datasheet HTML 7Page - Texas Instruments CC115LRGPR Datasheet HTML 8Page - Texas Instruments CC115LRGPR Datasheet HTML 9Page - Texas Instruments CC115LRGPR Datasheet HTML 10Page - Texas Instruments CC115LRGPR Datasheet HTML 11Page - Texas Instruments CC115LRGPR Datasheet HTML 12Page - Texas Instruments CC115LRGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
4.6
RF Transmit Section
TA = 25°C, VDD = 3.0 V, +10 dBm if nothing else stated. All measurement results are obtained using SWRR046 and
SWRR045.
Parameter
Min
Typ
Max
Unit
Condition
Differential load
impedance
Differential impedance as seen from the RF-port (RF_P
315 MHz
122 + j31
Ω
and RF_N) towards the antenna.
433 MHz
116 + j41
Ω
868/915 MHz
86.5 + j43
Ω
Output power, highest
Output power is programmable, and full range is
setting
available in all frequency bands. Output power may be
restricted by regulatory limits.
315 MHz
+10
dBm
See Design Note DN013 SWRA168, which gives the
433 MHz
+10
dBm
output power and harmonics when using multi-layer
inductors. The output power is then typically +10 dBm
868 MHz
+12
dBm
when operating at 868/915 MHz.
915 MHz
+11
dBm
Delivered to a 50-
Ω single-ended load through the RF
matching network in SWRR046 and SWRR045
Output power is programmable, and full range is
Output power, lowest
available in all frequency bands
−30
dBm
setting
Delivered to a 50-
Ω single-ended load through the RF
matching network in SWRR046 and SWRR045
Harmonics, radiated
Measured on SWRR046 and SWRR045 with CW,
maximum output power
2nd Harm, 433 MHz
−49
dBm
The antennas used during the radiated measurements
3rd Harm, 433 MHz
−40
dBm
(SMAFF-433 from R.W. Badland and Nearson S331
868/915) play a part in attenuating the harmonics
2nd Harm, 868 MHz
−47
dBm
Note: All harmonics are below
−41.2 dBm when
3rd Harm, 868 MHz
−55
dBm
operating in the 902 - 928 MHz band
2nd Harm, 915 MHz
−50
dBm
3rd Harm, 915 MHz
−54
dBm
Harmonics, conducted
Measured with +10 dBm CW at 315 MHz and 433 MHz
315 MHz
<
−35
dBm
Frequencies below 960 MHz
<
−53
dBm
Frequencies above 960 MHz
433 MHz
−43
dBm
Frequencies below 1 GHz
<
−45
dBm
Frequencies above 1 GHz
868 MHz 2nd Harm
−36
dBm
Measured with +12 dBm CW at 868 MHz
other harmonics
<
−46
dBm
915 MHz 2nd Harm
−34
dBm
Measured with +11 dBm CW at 915 MHz (requirement is
other harmonics
−20 dBc under FCC 15.247)
Other harmonics
<
−50
dBm
Spurious emissions
Measured with +10 dBm CW at 315 MHz and 433 MHz
conducted, harmonics
not included
315 MHz
<
−58
Frequencies below 960 MHz
<
−53
Frequencies above 960 MHz
433 MHz
<
−50
Frequencies below 1 GHz
<
−54
Frequencies above 1 GHz
<
−56
Frequencies within 47-74, 87.5-118, 174-230, 470-862
MHz
Measured with +12 dBm CW at 868 MHz
868 MHz
<
−50
Frequencies below 1 GHz
<
−52
Frequencies above 1 GHz
<
−53
Frequencies within 47-74, 87.5-118, 174-230, 470-862
MHz
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com