Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC115LRGPR Datasheet(PDF) 55 Page - Texas Instruments

Part # CC115LRGPR
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 51Page - Texas Instruments CC115LRGPR Datasheet HTML 52Page - Texas Instruments CC115LRGPR Datasheet HTML 53Page - Texas Instruments CC115LRGPR Datasheet HTML 54Page - Texas Instruments CC115LRGPR Datasheet HTML 55Page - Texas Instruments CC115LRGPR Datasheet HTML 56Page - Texas Instruments CC115LRGPR Datasheet HTML 57Page - Texas Instruments CC115LRGPR Datasheet HTML 58Page - Texas Instruments CC115LRGPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Table 5-47. 0x2C: TEST2 - Various Test Settings
Bit
Field Name
Reset
R/W
Description
Use setting from SmartRF Studio SWRC176
This register will be forced to 0x88 or 0x81 when it wakes up from
SLEEP mode, depending on the configuration of
FIFOTHR.ADC_RETENTION.
7:0
TEST2[7:0]
136 (0x88)
R/W
The value read from this register when waking up from SLEEP
always is the reset value (0x88) regardless of the
ADC_RETENTION setting. The inverting of some of the bits due to
the ADC_RETENTION setting is only seen INTERNALLY in the
analog part.
Table 5-48. 0x2D: TEST1 - Various Test Settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST1[7:0]
49 (0x31)
R/W
Use setting from SmartRF Studio SWRC176
Table 5-49. 0x2E: TEST0 - Various Test Settings
Bit
Field Name
Reset
R/W
Description
7:2
TEST0[7:2]
2 (000010)
R/W
Use setting from SmartRF Studio SWRC176
1
VCO_SEL_CAL_EN
1
R/W
Enable VCO selection calibration stage when 1
0
TEST0[0]
1
R/W
Use setting from SmartRF Studio SWRC176
5.19.3 Status Register Details
Table 5-50. 0x30 (0xF0): PARTNUM - Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
PARTNUM[7:0]
0 (0x00)
R
Chip part number
Table 5-51. 0x31 (0xF1): VERSION - Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
VERSION[7:0]
25 (0x19)
R
Chip version number. Subject to change without notice.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
55
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com