Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 17Page - Texas Instruments DAC39RFS10 Datasheet HTML 18Page - Texas Instruments DAC39RFS10 Datasheet HTML 19Page - Texas Instruments DAC39RFS10 Datasheet HTML 20Page - Texas Instruments DAC39RFS10 Datasheet HTML 21Page - Texas Instruments DAC39RFS10 Datasheet HTML 22Page - Texas Instruments DAC39RFS10 Datasheet HTML 23Page - Texas Instruments DAC39RFS10 Datasheet HTML 24Page - Texas Instruments DAC39RFS10 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24 GHz, DDS Mode, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), unless otherwise noted. FDAC = FCLK in NRZ and RF
modes and FDAC = 2*FCLK in DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise spectral density, large signal,
sinusoidal output, IFS_SWITCH = 41
mA(3)
fOUT = 97 MHz, 70-MHz offset from
fOUT
-158
dBc/Hz
fOUT = 997 MHz, 70-MHz offset from
fOUT
-156
dBc/Hz
fOUT = 1997 MHz, 70-MHz offset from
fOUT
-154
dBc/Hz
fOUT = 2997 MHz, 70-MHz offset from
fOUT
-152
dBc/Hz
fOUT = 3997 MHz, 70-MHz offset from
fOUT
-150
dBc/Hz
fOUT = 5997 MHz, 70-MHz offset from
fOUT
-147
dBc/Hz
fOUT = 6997 MHz, 70-MHz offset from
fOUT
-147
dBc/Hz
fOUT = 7997 MHz, 70-MHz offset from
fOUT
-147
dBc/Hz
fOUT = 8997 MHz, 70-MHz offset from
fOUT
-144
dBc/Hz
NSD
Noise spectral density, small signal,
sinusoidal output, IFS_SWITCH = 20.5
mA(3)
AOUT = -20 dBFS, fOUT = 97 MHz,
70-MHz offset from fOUT
-157
dBFS/Hz
AOUT = -20 dBFS, fOUT = 997 MHz,
70-MHz offset from fOUT
-155
dBFS/Hz
AOUT = -20 dBFS, fOUT = 1997 MHz,
70-MHz offset from fOUT
-153
dBFS/Hz
AOUT = -20 dBFS, fOUT = 2997 MHz,
70-MHz offset from fOUT
-151
dBFS/Hz
AOUT = -20 dBFS, fOUT = 3997 MHz,
70-MHz offset from fOUT
-150
dBFS/Hz
AOUT = -20 dBFS, fOUT = 5997 MHz,
70-MHz offset from fOUT
-147
dBFS/Hz
AOUT = -20 dBFS, fOUT = 6997 MHz,
70-MHz offset from fOUT
-146
dBFS/Hz
AOUT = -20 dBFS, fOUT = 7997 MHz,
70-MHz offset from fOUT
-146
dBFS/Hz
AOUT = -20 dBFS, fOUT = 8997 MHz,
70-MHz offset from fOUT
-144
dBFS/Hz
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com