Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 175 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range
VDDA18A, VDDA18B(1)
1.71
1.8
1.89
V
VEEAM18, VEEBM18(1)
-1.89
-1.8
-1.71
V
VDDCLK18, VDDSYS18, VDDR18(2)
1.71
1.8
1.89
V
VDDLB, VDDLA, VDDCLK10(2)
0.95
1
1.05
V
VDDIO(3)
1.71
1.8
1.89
V
VQPS(3)
0
0
1.89
V
VDDDIG, VDDEB, VDDEA, VDDT(3)
0.95
1
1.05
V
VCMI
Input common mode voltage
CLK+, CLK–(2) (4)
0.4
V
VCMI
Input common mode voltage
SYSREF+, SYSREF–(2) (4)
0
0.4
1.0
V
VID
Input differential peak-to-peak voltage
SYSREF+ to SYSREF–
800
1000
2000
mVPP-DIFF
CLK+ to CLK–, fCLK < 5GHz
800
1000
1400
mVPP-DIFF
CLK+ to CLK–, 5GHz < fCLK < 7.5GHz
800
1000
1800
mVPP-DIFF
CLK+ to CLK–, fCLK > 7.5GHz
800
1000
2000
mVPP-DIFF
DCMIN
CLK+/– duty cycle minimum
45
%
DCMAX
CLK+/– duty cycle maximum
55
%
(1)
Measured to AGND.
(2)
Measured to VSSCLK.
(3)
Measured to DGND.
(4)
SYSREF+/- termination has two options. In option 1 the inputs are weakly self-biased to the optimal common mode voltage, which is
appropriate for AC coupling. In option 2, each input terminal is connected through 50Ohms to ground, which is appropriate to level shift
from a higher common mode voltage.
6.4 Thermal Information
THERMAL METRIC(1)
17mmx17mm FC-BGA
UNIT
256 PINS
RθJA
Junction-to-ambient thermal resistance
15.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
4.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
4.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com