Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 35 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 31Page - Texas Instruments DAC39RFS10 Datasheet HTML 32Page - Texas Instruments DAC39RFS10 Datasheet HTML 33Page - Texas Instruments DAC39RFS10 Datasheet HTML 34Page - Texas Instruments DAC39RFS10 Datasheet HTML 35Page - Texas Instruments DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 175 page
background image
6.12 Typical Characteristics: Dual Tone Spectra (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24GHz, IFS_SWITCH = 20.5mA, Dither and DEM enabled, unless otherwise noted.
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
100MHz tone spacing, includes PCB, cable and balun loss
Figure 6-32. Dual Tone, fOUT = 2097MHz, 0dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
100MHz tone spacing, includes PCB, cable and balun loss
Figure 6-33. Dual Tone, fOUT = 2097MHz, -6dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
100MHz tone spacing, includes PCB, cable and balun loss
Figure 6-34. Dual Tone, fOUT = 2097MHz, -12dBFS
200MHz tone spacing, includes PCB, cable and balun loss
Figure 6-35. Dual Tone, fOUT = 3497MHz, 0dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
200MHz tone spacing, includes PCB, cable and balun loss
Figure 6-36. Dual Tone, fOUT = 3497MHz, -6dBFS
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
-120
-100
-80
-60
-40
-20
0
NRZ Mode
DES2XL Mode
200MHz tone spacing, includes PCB, cable and balun loss
Figure 6-37. Dual Tone, fOUT = 3497MHz, -12dBFS
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com