Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 97 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 93Page - Texas Instruments DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments DAC39RFS10 Datasheet HTML 96Page - Texas Instruments DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 175 page
background image
SerDes Lane Inversion
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
Figure 7-89. LANE_INV Register
15
14
13
12
11
10
9
8
LANE_INV[15:8]
R/W-00h
7
6
5
4
3
2
1
0
LANE_INV[7:0]
R/W-00h
Table 7-61. LANE_INV Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
LANE_INV
R/W
0000h
Program LANE_INV[n]=1 to invert the bitstream through physical
lane n. Use this if the differential pair is swapped between the
transmitter and receiver.
7.5.3.29 LANE_SEL[15:0] Register (Offset = 0130h) [reset for LANE_SEL[ n ]= n ]
LANE_SEL[15:0] forms a crossbar switch, and is a set of 16 registers for specifying which physical lane is bound
to logical lane n. LANE_SEL[15:0] is shown in Figure 7-90 and described in Table 7-62.
Return to the Register Summary Table.
SerDes Lane Select for Logical Lane n (n = 0 - 15). LANE_SEL[0] is at the lowest address.
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
Figure 7-90. LANE_SEL[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
LANE_SEL[n]
R/W-0h
R/W-n
Table 7-62. LANE_SEL[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
LANE_SEL[n]
R/W
n
Specify which physical lane (0 to 15) is bound to logical lane n.
To bind physical lane p to logical lane n, program LANE_SEL[n]=p.
For example, to bind logical lane 0 to physical lane 3, program
LANE_SEL[0]=3.
Note: This register should only be changed when JESD_EN=0.
7.5.3.30 LANE_ARR[15:0] Register (Offset = 0140h) [Read only, reset = NA]
LANE_ARR[15:0] is a set of 16 registers for measuring the arrival time of lane n. LANE_ARR[15:0] is shown in
Figure 7-91 and described in Table 7-63.
Return to the Register Summary Table.
SerDes Lane n Arrival Time (n = 0 - 15). LANE_ARR[0] is at the lowest address.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com