Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 1 Page - Texas Instruments

  DAC39RFS10 Datasheet HTML 1Page - Texas Instruments DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel,
Multi-Nyquist Direct Digital Synthesizer (DDS)
1 Features
• 16-bit, 10.24 to 20.48GSPS, multi-Nyquist DAC
Cores
• Maximum input data rate:
– 16-bit, single channel complex I/Q: 775MSPS
– 16-bit, dual channel complex I/Q: 388MSPS
• Output bandwidth (-3dB): 12GHz
• Performance at fOUT = 2.997GHz, DES2XL mode,
DEM/Dither off
– Noise floor (small signal): -153dBFS/Hz
– SFDR (-0.1dBFS) : 76dBc
– IMD3 (-7dBFS each tone) : -71dBc
– Additive phase noise, 10kHz offset: -138dBc/Hz
• Four Integrated digital up-converters (DUC)
– Interpolation: 4x, 6x, 8x, 12x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real up conversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 200MHz clock
– 60ns reconfiguration (32-bit frequency)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 2 Lanes at up to 12.8Gbps
– Class C-S, subclass-1 Compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration
2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Wireless communications testers
• Arbitrary waveform generator (AWG)
• Agile, low phase noise LO generation
3 Description
DDS39RF10 and 'RFS10 are a family of dual and
single channel direct digital synthesizers with 16-bit
resolution digital-to-analog converters (DAC). The
high sampling rate, output frequency range, 64-bit
NCO frequency resolution and any frequency hopping
with phase coherence makes the device capable
of arbitrary waveform generation (AWG) and direct
digital synthesis (DDS).
The devices can also be used as interpolating
DACs for narrowband direct RF sampling or complex
baseband signal generation. The maximum input data
rate is 775MSPS for a single channel or 388MSPS for
two channels. The devices can generate signals of up
to 620MHz signal bandwidth (16-bit input resolution)
at carrier frequencies exceeding 10GHz enabling
direct sampling through C-band and into X-band.
A JESD204B and JESD204C compatible serial
interface has 2 receiver pairs capable of up to
12.8Gbps each. The interface is JESD204B and
JESD204C subclass-1 compliant for deterministic
latency and multi-device synchronization through the
use of SYSREF.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
DDS39RF10
DDS39RFS10
FCBGA (256)
17mm x 17mm,
1mm pitch
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
CLK+
CLK–
SYSREF+
SYSREF–
SYSREF Window
JESD204B/
204C
Block
DACOUTB+
DACOUTB–
SYNC
Mul -Nyquist DAC
6SRX+
6SRX–
14SRX+
14SRX–
Lane
MUX
DACOUTA+
DACOUTA–
Mul -Nyquist DAC
RF
Bonder
or
IQ DAC
MUX
DUC0
L
DUC1
L
DUC2
L
DUC3
L
2
DESDAC
2
DESDAC
Fast
Recon gura on
controller
Control Interface & GPIOs
Block Diagram (Dual Channel Devices)
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC39RFS10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RFS10 TI-DAC39RFS10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RFS10 TI1-DAC39RFS10 Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
More results

Similar Description - DAC39RFS10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
Direct Digital Synthesizer
July 28, 2005
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
Analog Devices
MT-085 AD-MT-085 Datasheet
179Kb / 9P
Fundamentals of Direct Digital Synthesis (DDS)
Rev.0, 10/08, WK
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com