Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 73 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 69Page - Texas Instruments DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments DAC39RFS10 Datasheet HTML 73Page - Texas Instruments DAC39RFS10 Datasheet HTML 74Page - Texas Instruments DAC39RFS10 Datasheet HTML 75Page - Texas Instruments DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 175 page
background image
Table 7-20. JESD204C Link Parameters
Parameter
Description
ILAS Field Name
Value for this device(1)
ADJCNT
DAC LMFC adjustment
ADJCNT[3:0]
n/a
ADJDIR
DAC LMFC adjustment direction
ADJDIR[0]
n/a
BID
Bank ID
BID[3:0]
n/a
CF
Number of control words per frame
CF[4:0]
0
CS
Number. of control bits per sample
CS[1:0]
0
DID
Device identification number
DID[7:0]
n/a
F
Number of octets per frame (per lane)
F[7:0]
See Table 7-22
HD
High Density Format
HD[0]
See Table 7-22
JESDV
JESD204 Version
JESDV[2:0]
n/a
K
Number of frames per multiframe
K[7:0]
Set by KM1register
L
Number of lanes per link
L[4:0]
ceiling(M/Mx*Lx)
LID
Lane identification no.
LID[4:0]
n/a
M
Number of sample streams per link (see (1))
M[7:0]
Set by JESD_M register
N
Bits per sample (before adding control or tail bits) for JESD204C
interface.
N[4:0]
See Table 7-22
N'
Total number of bits per sample (including control and tail bits) for
JESD204C interface.
N’[4:0]
See Table 7-22
PHADJ
Phase adjustment request to DAC
PHADJ[0]
n/a
S
Number of samples per stream per frame
S[4:0]
See Table 7-22
SCR
Scrambling enabled
SCR[0]
Set by SCR register
SUBCLASSV
Device Subclass Version
SUBCLASSV[2:0]
n/a
RES1
Reserved field 1
RES1[7:0]
n/a
RES2
Reserved field 2
RES2[7:0]
n/a
CHKSUM
Checksum (sum of all above fields, modulo 256)
FCHK[7:0]
n/a
(1)
In 8b/10b modes, the transmitter may send link configuration octets during the ILAS. The values sent by the transmitter are not
checked by this receiver, and they do not need to match the operational values of the receiver.
Table 7-21. Link Parameters (applicable in 64b/66b encoding only)
Parameter
Description
Value for this device(1)
E
Number of multi-blocks per extended multi-block (64b/66b encoding only)
1
Each supported mode is assigned a mode number which can be programmed into the JMODE register with the
parameters listed in Table 7-22.
1. At minimum interpolation rate
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com