Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 4 Page - Texas Instruments

  DAC39RFS10 Datasheet HTML 1Page - Texas Instruments DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 175 page
background image
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DAC Outputs
DACOUTA-
A13
O
DAC channel A analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTA+
A12
O
DAC channel A analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTB-
T13
O
DAC channel B analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
DACOUTB+
T12
O
DAC channel B analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
Differential Clock and SYSREF Inputs
CLK-
E16
I
Device clock input negative terminal. There is an internal 100Ω differential termination
between CLK+ and CLK–. This input is self-biased and should be AC coupled to the clock
source.
CLK+
D16
I
Device clock input positive terminal. There is an internal 100Ω differential termination
between CLK+ and CLK–. This input is self-biased and should be AC coupled to the clock
source.
SYSREF-
N16
I
Differential JESD204C SYSREF input negative terminal. There is an internal 100Ω
differential termination between SYSREF+ and SYSREF–.
SYSREF+
M16
I
Differential JESD204C SYSREF input negative terminal. There is an internal 100Ω
differential termination between SYSREF+ and SYSREF–.
SerDes Interface
6SRX-
G1
I
Serdes Lane 6 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 6SRX+.
6SRX+
F1
I
Serdes Lane 6 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 6SRX-.
14SRX-
L1
I
Serdes Lane 14 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 14SRX+.
14SRX+
K1
I
Serdes Lane 14 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 14SRX-.
GPIO Functions
ALARM
H4
O
ALARM pin is asserted when an internal unmasked alarm is detected. Alarm mask is set by
ALM_MASK register.
FRCLK
F4
I
Fast reconfiguration interface clock.
FRCS
G4
I
Fast reconfiguration interface chip select. Internal pullup.
FRDI0
E4
I
Fast reconfiguration interface data bit 0.
FRDI1
E5
I
Fast reconfiguration interface data bit 1.
FRDI2
F5
I
Fast reconfiguration interface data bit 2.
FRDI3
G5
I
Fast reconfiguration interface data bit 3.
RESET
D6
I
Device reset input, active low. Must be toggled after power up. Internal pullup.
SCANEN
E6
I
TI use only, can be left unconnected. Internal pulldown.
SCLK
E8
I
Serial programming interface (SPI) clock input.
SCS
E7
I
Serial programming interface (SPI) device select input, active low. Internal pullup.
SDI
D8
I
Serial programming interface (SPI) data input.
SDO
D7
O
Serial programming interface (SPI) data output. High impedance when not reading out SPI
data.
SYNC
J4
O
JESD204C SYNC output, active low.
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com