Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments DAC39RFS10 Datasheet HTML 14Page - Texas Instruments DAC39RFS10 Datasheet HTML 15Page - Texas Instruments DAC39RFS10 Datasheet HTML 16Page - Texas Instruments DAC39RFS10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 175 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24 GHz, DDS Mode, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), unless otherwise noted. FDAC = FCLK in NRZ and RF
modes and FDAC = 2*FCLK in DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SFDRNONHD23
non-HD2/3 SFDR, IFS_SWITCH = 20.5
mA
fOUT = 97 MHz
94
dBc
fOUT = 997 MHz
87
dBc
fOUT = 1997 MHz
92
dBc
fOUT = 2997 MHz
89
dBc
fOUT = 3997 MHz
87
dBc
non-HD2/3 SFDR, IFS_SWITCH = 41
mA
fOUT = 97 MHz
88
dBc
fOUT = 997 MHz
72
dBc
fOUT = 1997 MHz
76
dBc
fOUT = 2997 MHz
72
dBc
fOUT = 3997 MHz
67
dBc
IMD3
Third-order two tone intermodulation
distortion, IFS_SWITCH = 20.5 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-100
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-74
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-76
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-70
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-65
dBc
Third-order two tone intermodulation
distortion, IFS_SWITCH = 41 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-88
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-61
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-58
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-52
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-55
dBc
NSD
Noise spectral density, large signal,
sinusoidal output, IFS_SWITCH = 20.5
mA(3)
fOUT = 97 MHz, 70-MHz offset from
fOUT
-158
dBc/Hz
fOUT = 997 MHz, 70-MHz offset from
fOUT
-158
dBc/Hz
fOUT = 1997 MHz, 70-MHz offset from
fOUT
-154
dBc/Hz
fOUT = 2997 MHz, 70-MHz offset from
fOUT
-151
dBc/Hz
fOUT = 3997 MHz, 70-MHz offset from
fOUT
-149
dBc/Hz
NSD
Noise spectral density, large signal,
sinusoidal output, IFS_SWITCH = 41
mA(3)
fOUT = 97 MHz, 70-MHz offset from
fOUT
-159
dBc/Hz
fOUT = 997 MHz, 70-MHz offset from
fOUT
-158
dBc/Hz
fOUT = 1997 MHz, 70-MHz offset from
fOUT
-154
dBc/Hz
fOUT = 2997 MHz, 70-MHz offset from
fOUT
-151
dBc/Hz
fOUT = 3997 MHz, 70-MHz offset from
fOUT
-149
dBc/Hz
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com