Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 74 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 74 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments DAC39RFS10 Datasheet HTML 73Page - Texas Instruments DAC39RFS10 Datasheet HTML 74Page - Texas Instruments DAC39RFS10 Datasheet HTML 75Page - Texas Instruments DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments DAC39RFS10 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 175 page
background image
Table 7-22. JESD Interface Modes
JMODE
Encoding Max Input
Sample
Rate per
Stream
(MSPS)#n
one#
MAX
Serdes
Baud
Rate
(Gbps)
R =
FBIT/ FCLK
N
Mx = Max
#
Streams
Ls =
Lanes/
Stream
Lx = Max
# Lanes
LT =
Interpolation
JESD Format
KR
MIN
MAX
F
S
HD SI
4
8b/10b
640
12.8
20/LT
16
2
1
2
4
64
2
1
0
1
32, 64,
128
64b/66b
775.8
12.8
16.5/LT
5
8b/10b
320
12.8
40/LT
16
4
½
2
8
128
4
1
0
1
16,32,64
64b/66b
387.9
12.8
33/LT
6
8b/10b
160
12.8
80/LT
16
8
¼
2
16
256
8
1
0
1
8,16,32
64b/66b
193.9
12.8
66/LT
7
8b/10b
80
12.8
160/LT
16
8
⅛
1
32
256
16
1
0
1
4,8,16
64b/66b
97.0
12.8
132/LT
7.4.2.2 JESD204C Format Diagrams
The following sub-sections depict each output format, showing how samples and tail bits are mapped to the
lanes. Any lanes that are not shown in the output format tables are unused. Each table depicts exactly one
frame. Tail bits are discarded and ignored by the transport layer. All diagrams are with respect to the logical lane
numbers which can be arbitrarily mapped to the external physical lanes using LANE_SELn.
Table 7-23. Format Notation Description
Notation
Description
T
Tail bits (used for some 12-bit modes)
CH0_I[n]
In-Phase samples for channel 0. Can also be considered as “channel A” when the input isn’t considered to be
complex data.
CH0_Q[n]
Quadrature samples for channel 0. Can also be considered as “channel B” when the input isn’t considered to
be complex data.
CH1_I[n]
In-Phase samples for channel 1.
CH1_Q[n]
Quadrature samples for channel 1.
CH2_I[n]
In-Phase samples for channel 2.
CH2_Q[n]
Quadrature samples for channel 2.
CH3_I[n]
In-Phase samples for channel 3.
CH3_Q[n]
Quadrature samples for channel 3.
In all of the above notations, n indicates the sample number. Some JESD204C modes have S=1 (one sample
per stream per frame). In those cases, “[n]” is omitted in the descriptions.
7.4.2.2.1 16-bit Formats
Table 7-24. JMODE 4 (16-bit, 1 lane per stream, 8 streams maximum)
Octet
0
1
Nibble
0
1
2
3
Lane 0
CH0_I
Lane 1
CH0_Q
Table 7-25. JMODE 5 (16-bit, 1/2 lane per stream, 8 streams maximum)
Octet
0
1
2
3
Nibble
0
1
2
3
4
5
6
7
Lane 0
CH0_I
CH0_Q
Lane 1
CH1_I
CH1_Q
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com