Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 24 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 20Page - Texas Instruments DAC39RFS10 Datasheet HTML 21Page - Texas Instruments DAC39RFS10 Datasheet HTML 22Page - Texas Instruments DAC39RFS10 Datasheet HTML 23Page - Texas Instruments DAC39RFS10 Datasheet HTML 24Page - Texas Instruments DAC39RFS10 Datasheet HTML 25Page - Texas Instruments DAC39RFS10 Datasheet HTML 26Page - Texas Instruments DAC39RFS10 Datasheet HTML 27Page - Texas Instruments DAC39RFS10 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 175 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, DDS Mode, FCLK = 10.24 GHz, FOUT = 2997 MHz, NRZ mode, IFSSWITCH = 20.5 mA, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 4: Dual DACs, 2 DUCs
per DAC, JMODE 6, 64x interpolation,
FDAC =10.24 GSPS, FOUT1 = 2997
MHz, FOUT2 = 3997 MHz, NRZ mode
(dual channel version only)
86
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
101
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
313
IVDDCLK
1.0-V supply current for VDDCLK10
494
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
2382
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
123
PDIS
Total power dissipation
3748
mW
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 5: Single channel device
(DDS39RFS10), 1 DUC, DDS Mode,
FDAC = 10.24 GSPS, FOUT = 2997
MHz, DES mode
58
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
85
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
162
IVDDCLK
1.0-V supply current for VDDCLK10
307
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
841
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
71
PDIS
Total power dissipation
1761
mW
IVDDA18
1.8-V combined supply current for
VDDA18A and VDDA18B
Power Mode 6: Single channel device
(DDS39RFS10), 2 DUCs, DDS Mode,
FDAC = 10.24 GSPS, FOUT = 2997
MHz, NRZ mode
58
mA
IVDDIO
1.8-V supply current for VDDIO
1
IVDDCSR
1.8-V combined supply current for
VDDCLK18, VDDSYS18 and VDDR18
86
IVDDL
1.0-V combined supply current for
VDDLB, VDDLA
162
IVDDCLK
1.0-V supply current for VDDCLK10
307
IDVDD
1.0-V supply current for VDDDIG,
VDDT, VDDEB and VDDEA
935
IVEE
–1.8-V combined supply current for
VEEAM18 and VEEBM18
71
PDIS
Total power dissipation
1791
mW
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com