Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 3 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 3 Page - Thurlby Thandar Instruments Ltd.

  1908 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CLASS LEADING PERFORMANCE
f
Powerflex technology achieves full instrument
output power across 85% of voltage range.
f
0.015% basic accuracy with 6½ digit resolution
f
High speed, low glitch auto ranging capability
f
Sense terminals for 4 Wire operation and guard
capabilities.
ULTIMATE USER EXPERIENCE
f
User friendly front panel GUI with on screen
numeric or graphical results
f
Internally calculated resistance and power
measurements.
f
User settable bipolar compliance limits
f
Variable slew rate control
f
High voltage safety interlock, user interface
password protected, rear panel interlock control.
f
Quiet operation
f
Context sensitive help button
ADVANCED FEATURES
f
Advanced sweep engine
f
Advanced math features for data handling
f
Tolerance band result sorting
f
Advanced load modes: Current, power and
resistance- with integral voltage dropout setting
SIMPLIFY TEST SETUPS
f
Advanced sequencing mode
f
SCPI compliant digital remote interfaces
f
‘SMU-Link’ Link two SMU’s together to perform
simultaneously via a handshake triggering system.
f
Advanced global triggering available via external
DIO and remote commands
KEY FEATURES
UNIQUE POWERFLEX DESIGN
The Aim-TTi PowerFlex system provides a semi
constant power characteristic so that the current
capability rises as the voltage falls.
The SMU achieves full instrument output power across
the majority of the voltage range, unlike conventional
SMUs where the maximum power can only be achieved
at the top of each voltage range.
AIM-TTi Powerflex
Conventional SMU
CLASS LEADING PERFORMANCE
f
Powerflex technology achieves full instrument output
power across the majority of the voltage range.
f
0.015% basic accuracy with 6½ digit resolution.
f
High speed, low glitch auto ranging capability.
f
Sense terminals for 4 wire operation and guard
capabilities.
ULTIMATE USER EXPERIENCE
f
User friendly front panel GUI with on screen numeric or
graphical results.
f
Internally calculated resistance and power
measurements.
f
User settable bipolar compliance limits.
f
Variable slew rate control.
f
High voltage safety interlock, user interface password
protected, rear panel interlock control.
f
Quiet operation.
f
Context sensitive help button.
ADVANCED FEATURES
f
Advanced sweep engine.
f
Advanced math features for data handling.
f
Tolerance band result sorting.
f
Advanced load modes [LC, LR & LP] with integral voltage
dropout setting.
SIMPLIFY TEST SETUPS
f
Advanced sequencing mode.
f
SCPI compliant digital remote interfaces.
f
‘SMU-Link’ Link two SMUs together to perform
simultaneously via a handshake triggering system.
f
Advanced global triggering available via external DIO and
remote commands.
KEY
FEATURES
SMU4001 & SMU4201
SMU4201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com