Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 9 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 9 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 12Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 13Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RESISTANCE MEASUREMENTS (ALL MODES EXCEPT MV AND MC)
Resistance is internally calculated from measured Voltage and Current.
Resistance errors (in Ohms) may be calculated from respective voltage and current measurement results and specified errors as follows –
(Current*Voltage error + Voltage*Current error)/Current2)
Where Voltage is the Voltage reading in Volts (without polarity).
Voltage error is the specified Voltage measurement error in Volts.
Current is the Current reading in Amps (without polarity).
Current error is the specified Current measurement error in Amps.
POWER MEASUREMENTS (ALL MODES EXCEPT MV AND MC)
Power is internally calculated from measured Voltage and Current.
Power errors (in Watts) may be calculated from respective voltage and current measurement results and specified errors as follows –
(Current*Voltage error + Voltage*Current error + Voltage error*Current error)
Where Voltage is the Voltage reading in Volts (without polarity).
Voltage error is the respective specified Voltage error in Volts.
Current is the Current reading in Amps (without polarity).
Current error is the respective specified Current error in Amps.
VOLTAGE SOURCE (SV AND MHR MODES)
Accuracy
Same as voltage measurement accuracy.
Source Limit ⁴
SMU4001
±21V
SMU4201
±210V
Maximum Slew Rate
SMU4001
User settable 21V/s to 0.12V/µs
SMU4201
User settable 210V/s to 1.2V/µs
Settling Time (typical)
To reach within 0.5% of change, open load, max slew rate, manual ranges, High Reactance disabled.
300µs
Maximum current limit slew applied equivalent to: 1uV/us per 1nA current limit setting.
SMU4201 only : Add 280ms if changing from (>+21V to <-21V) or (<-21V to >+21V) (polarity reversal)
Output Impedance (typical)
<10µΩ (4-wire, steady state)
Overshoot (typical)
<0.5% + 1mV (resistive load)
High Reactance
Load Stability
Disabled
0 to 0.2µF
Enabled
>0.2uF to 200µF typical (inductive loading is also accommodated)
4) Limits include 105% overrange
CURRENT SOURCE (SC AND MR MODES)
Accuracy
Same as current measurement accuracy.
Source Limit
±3.15A
Maximum Slew Rate
User settable 3A/s to 36mA/µs
Settling Time (typical) To reach within 0.5% + 1nA of change, shorted load, max slew rate, manual ranges, High Reactance disabled.
200nA, 2uA, 20uA, 200uA
ranges
2.5ms
2mA range
600µs
20mA, 200mA, 1A, 3A ranges
200µs
SMU4201 Only
Add 280ms if changing from (>+21V to <-21V) or (<-21V to >+21V) (polarity reversal).
Overshoot (typical)
<0.5% + 10nA (shorted load)
CURRENT LOAD (LC, LR AND LP MODES)
Accuracy
LC mode
Same as current measurement accuracy.
LR mode
Same as resistance measurement accuracy.
LP mode
Same as power measurement accuracy.
Load Limit
LC mode
3.15A
LR mode
100mΩ to 250MΩ
LP mode
26.25W
Maximum Slew Rate
LC, LR modes
User settable 3A/s to 36mA/µs
LP mode
User settable 25W/s to 0.25W/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com