Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 5 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 5 Page - Thurlby Thandar Instruments Ltd.

  1908 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CONTEXT SENSITIVE
HELP KEY
Provides direct assistance
with menus, settings and
parameters; reducing the need
to interrupt the working process
by viewing the Instruction
manual.
CONVENIENT
TEST FUNCTION
Performs a quick
internal self-calibration
and measurement zero,
allowing for confidence
in the following
measurement results.
USER SETTABLE LIMITS AND PROTECTION
Various methods of protection are provided to protect the test
setup from damage by unexpected occurrences.
f
LIMITS
A dual polarity limit (also known as compliance) can be set to
ensure that the instrument cannot source or sink a voltage or
current beyond the set value, preventing potential damage to a
device under test. If a limit is reached, the SMU will continue to
function in a limited state and will recover if the source level is
reduced or the load changes accordingly.
Alongside this, OVP, OCP and OPP protection trips are also
available; shutting the output off if a limit is reached.
f
HIGH REACTANCE MODE
When attempting to source into a highly reactive load which may
be capacitive or inductive there may be visible overshoot, ringing
or even in some cases instability. High Reactance mode helps to
compensate for and reduce the risk of these issues.
f
PROTECTION
Source voltages higher than 42V can be password protected* as
a safety precaution to prevent any unwanted high voltages being
set, A high voltage interlock is also available via the DIO pins*.
Passwords can be added to a range of settings, which can be
particularly useful to prevent any unwanted changes being made
during longer tests or in education environments.
SENSE TERMINALS
Sense terminals are provided for 4 Wire operation and guard
capabilities. 4 Wire measurements are important when it is
essential to measure the voltage delivered to a load, independent
of any voltage drops in the connecting supply wires or contacts.
The guard capabilities can be utilised for very low current and
high impedance applications where potential unwanted leakage,
stray capacitance or magnetic coupling may be a problem.
Besides the obvious cost and bench
space savings, the SMU provides many
advantages over selecting a traditional
power supply, load, DMM and true arb
generator, including:
STABILITY- The SMU has the ability to keep
the output stable during unexpected load
changes due to precisely measuring its
own voltage and current and feeding this
back to the source.
SPEED- Interconnection of all of the
individual elements in a single unit
increases the timing accuracy and speed
of communications between the source
and measurement circuitry.
ACCURACY- Measurement error is
considerably reduced when compared
to individual instruments in one setup,
close integration of the source and
measurement elements achieves a
far more reliable performance and far
superior synchronisation.
WHY CHOOSE AN SMU?
An SMU is effectively multiple instruments in one, but with
many added benefits over selecting individual instruments to
create a test setup.
*SMU4201 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com