Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 12 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 12 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 12Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 13Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 14Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PRECISION MEASUREMENT RANGE
Measurably better value
* GPIB OPTIONAL
LD400/P
CI, CR, CV, CP & CG MODES
RS-232, USB, LAN, GPIB*
400W
ELECTRONIC DC LOAD
UPTO 80V OR 80A
LDH400/P
CI, CR, CP & CG MODES
RS-232, USB, LAN, GPIB*
400W
ELECTRONIC DC LOAD
UP TO 500V OR 16A
TF900 SERIES
RECHARGEABLE BATTERIES
USB
DC TO 3GHz/6GHz RANGE
FREQUENCY MEASUREMENT
VARIOUS MODES
PFM300
LONG BATTERY LIFE
-
3Hz TO 3GHz RANGE
FREQUENCY MEASUREMENT
HAND-HELD
BS407
RECHARGEABLE BATTERY
OPTION
-
0.1% BASIC ACCURACY
COMPONENT MEASUREMENT
1µΩ to 20kΩ range
1908
AC LINE OR BATTERY POWER
RS-232, USB, LAN, GPIB
5½ DIGIT RESOLUTION
MULTIMETER
0.02% VDC ACCURACY
I-PROBER
10mA TO 2A DYNAMIC RANGE
-
NON-CONTACT TRACK PROBING
POSITIONAL CURRENT PROBE
DC TO 5MHz BANDWIDTH
LCR400
BUILT-IN LIMITS COMPARATOR
RS-232
0.1% BASIC ACCURACY
COMPONENT MEASUREMENT
BUILT-IN COMPONENT FIXTURE
SMU4001
FAST MEASUREMENT SPEEDS
USB, LAN & GPIB*
POWERFLEX ± 20V, 3A, 25W
SOURCE MEASURE UNIT
6½ DIGIT RESOLUTION
SMU4201
FAST MEASUREMENT SPEEDS
USB, LAN & GPIB*
POWERFLEX ± 200V, 3A, 25W
SOURCE MEASURE UNIT
6½ DIGIT RESOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com