Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 11 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 11 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 12Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 13Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 14Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MEASUREMENT RESULT BUFFER
Contents (each entry)
Index, Primary Measurement, Secondary Measurement, Date, Time (1 second resolution).
.CSV file contents
Index
Active Mode
Output state
Measurement results (V and A)
Calculated results (R and W)
System Date
System Time
Measurement Timestamp
Sequence Mode Step and Iteration
Length
Maximum of 100000 entries, FIFO style.
DIGITAL INPUT/OUTPUT (DIO)
Signals
5 user definable signal pins, HV interlock (SMU4201 only), Global Trigger In, Global Trigger out (self-resetting
based on trigger input), Ground and +5V (fuse limited to 500mA).
Voltage Reference
Chassis ground referenced.
Input Levels
Logic zero:
-0.25V to +1V (diode clamped to 0V)
Logic one:
+1.75V to +5.25V (diode clamped to +5V)
Output Levels
Logic zero:
open-drain MOS, typically 0.2ohm, 100mA maximum sink.
Logic one:
nominally 4.7kohm pull-up to +5V
Logic
Active High / Low global port selection.
REMOTE CONTROL INTERFACES
LAN
Ethernet 100/10 base-T hardware connection.
LXI Conformance
1.5 LXI Device Specification 2016.
USB
Standard USB 2.0 hardware connection. Operates as a virtual COM port.
GPIB (optional)
Conforming with IEEE488.1 and IEEE488.2
Remote Command Processing
Time
Typically < 5ms between receiving the command terminator for an output change at the instrument and the
output beginning to change.
SYSTEM SPEEDS
Measure to Memory
Up to 5k/s sustained.
ENVIRONMENTAL
Operating Range
+5°C to +40°C, 20% to 80% RH non-condensing.
Operating Mains
220V-240V or 110V-120V AC ±10%, 50/60Hz, by internal selection;
150VA maximum demand.
Installation Category II.
Environmental
Indoor use at altitudes up to 2000m, Pollution Degree 2.
Storage Range
-20°C to +60°C, 10% to 90% RH non-condensing.
EMC
EN61326-1 and EN61326-2-1, group 1, class A.
Safety
EN61010-1 and EN61010-2-030 (uncategorized measurements).
MAIN and SENSE terminals rated for voltages up to 210V to ground and between terminals.
Front panel CHASSIS terminal intended for ground reference purposes only.
Security
Kensington security slot incorporated.
MECHANICAL
Size (nominal)
Bench Use: 250mm(W) x 97mm(H) x 295mm(D)
Rack Mount: 213.5mm(W) (½ rack) x 86.5mm(H) (2U) x 269mm(D)
Weight (nominal)
4.25kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com