Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 7 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 7 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NEED 2 CHANNELS?
‘SMU LINK’ is an accessory
that can be used to connect
two SMUs together to
perform simultaneously
via a handshake triggering
system, effectively creating
a fully functioning 2 channel
SMU, useful for testing three
leaded components such as
small signal BJT’s, FET’s and
more.
f
Full instrument control of multiple SMU's.
f
Build complex sequences with full access to
configuration settings.
f
Arbitrary waveform creation with built in
preset options.
f
Linear and logarithmic, X/Y, Y/T graphing
functions.
f
Advanced zooming and panning functions.
f
Split view option for steps and repeats on
sequenced data.
f
Full access to remote commands with
documentation for each command.
TEST BRIDGE SMU - PC SOFTWARE
Test Bridge SMU is free downloadable software
that provides full programmable control of multiple
SMU's alongside additional enhanced features.
The graphical interface allows advanced setups, lists
and sequences to be created and directly applied to the
SMU. Quick and efficient data download means results
can be saved and exported for further analysis as a
.CSV file then further viewed in a tablular or graphical
format from within the Test Bridge SMU software.
The advanced graphing feature provides an array of
options to view the results in multiple formats such
as: Assign result sets to graphs with customised axis
definitions, compare different sets of results on a single
graph, split by step and repeat for sequenced data,
alongside viewing in a linear or logarithmic format.
Available to download from www.aimtti.com/support
FREE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com