Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 6 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 6 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
* LabView and LabWindows are trademarks of National Instruments
Keysight VEE is a trademark of Keysight Technologies. Windows is a
trademark of Microsoft.
** GPIB optional
DATA STORAGE
A convenient front mounted flash drive port
allows configurations, results and screen shots
to be directly extracted from the instrument for
further analysis. The direct upload of complex
test configurations enables simplification
of the of the most advanced test scenarios.
Measurement data can be automatically
recorded to the flash drive on completion of a
test run – thus allowing for virtually unlimited
measurement data storage.
ADVANCED SEQUENCING MODE
Sequence mode is an advanced sequencing
feature for creating and performing complex
test routines. Stored test configuration setups
can be imported into up to 25 individual
steps inside one test routine, allowing
complete synchronisation of the instrument
via advanced triggering capabilities and
features. Synchronisation of two instruments
or additional test equipment can be achieved
through the use of the DIO port under the
control of the sequence mode engine.
SIMPLIFY
TEST SETUPS
**
SCPI COMPATIBLE
The SMU can be integrated into existing
systems using the universal SCPI command
set. An extensive library of commands can
be used to simplify setups and automate
systems, increasing productivity and
reducing costs.
LABVIEW & IVI DRIVER
An IVI-COM/IVI-C driver for Windows
is included. This provides support for
common high-level applications such as
LabView*, LabWindows*, and Keysight
VEE*.
ACCESSORIES
This instrument can be rack mounted, a
suitable 2U 19” rack kit is available from
the manufacturers or their overseas
agents. Contact TTi for test fixture
requirements.
TRIGGER
DELAY
DIO OUT
RUN
STORED
TEST
SETUP
CONDITION
CONDITION
CONDITION
ACTION
REPEAT
NEXT
STEP
LEVEL: Monitor for a set level
(V, A, W or Ω) including:
<= or => than a set level,
within two set levels
or outside of two set levels.
TIMEOUT: Run for a specified
period of time (ms/s).
EXTERNAL INPUT TRIGGER:
Monitor for external triggers via
remote command or DIO.
Up to three conditions can be
applied, the same condition can
be used mulitple times.
CONDITION OPTIONS
JUMP TO STEP: Jump to a pre-
defined step or next step in the
sequence.
DIO OUTPUT LEVEL: Set DIO
output pin as Logic High (5V) or
Logic Low (0V)
STOP: Stop the sequence.
Any action can be added to a
condition, the same action can be
used multiple times.
ACTION FOR A MET CONDITION
Wait for an external trigger via
remote command or DIO
EXTERNAL INPUT TRIGGER
Set DIO output pin as Logic High
(5V) or Logic Low (0V)
DIO OUTPUT
Repeat the step a defined number
of times
REPEAT
ACTION
ACTION
EXAMPLE OF A SINGLE STEP INSIDE A SEQUENCED TEST ROUTINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com