Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 8 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 8 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 12Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TECHNICAL
SPECIFICATIONS
Settling Time and Accuracy specifications are valid after a minimum of 60 minutes warm-up followed by self-calibration execution and
measurement zero. Ambient temperature change of less than ± 3°C after self-calibration and measurement zero. Calibration Period: 1 Year,
Temperature: 23°C ± 5°C, Measurement Period: ≥10 PLC
KEY SPECIFICATIONS OF SMU4000 SERIES
SMU4001
SMU4201
Maximum Voltage
±21V
±210V
Voltage ranges
20mV to 20V
20mV to 200V
OPERATING MODES
Source Voltage (SV), Source Current (SC), Load Current (LC), Load Resistance (LR), Load Power (LP), Measure Voltage (MV), Measure Current (MC),
Measure Resistance (MR), Measure High Resistance (MHR), Sequence.
VOLTAGE MEASUREMENTS (ALL MODES EXCEPT MC)
Range
Resolution
Accuracy (%reading + offset)
20mV
10nV
±0.06%rdg ± 50µV
200mV
100nV
±0.015%rdg ± 50µV
2V
1uV
±0.015%rdg ± 50µV
20V
10uV
±0.02%rdg ± 5mV
200V¹
100uV
±0.02%rdg ± 5mV
1) 200V range only available on SMU4201
CURRENT MEASUREMENTS (ALL MODES EXCEPT MV)
Range
Resolution
Accuracy (%reading + offset)
200nA²
100fA
±0.04%rdg ± 300pA
2uA
1pA
±0.03%rdg ± 300pA
20uA
10pA
±0.02%rdg ± 2nA
200uA
100pA
±0.02%rdg ± 2nA
2mA
1nA
±0.02%rdg ± 200nA
20mA
10nA
±0.02%rdg ± 2µA
200mA
100nA
±0.02%rdg ± 20µA
1A
1uA
±0.07%rdg ± 100µA
3A³
1uA
±0.2%rdg ± 300µA
2)Typical Accuracy
3)Only available by Manual range selection when in modes that utilize the current source
MEASUREMENT SUPPLEMENTARY CHARACTERISTICS
Measurement Period
User settable 200µs to 20s (10µs resolution), or 0.01 to 100PLC (0.001PLC resolution).
If set to integer PLC: synchronized to actual mains supply period Accuracy: ± (50µs +
0.01%).
Typically, <±0.5µs delay between measured Voltage and Current signal measurements.
Temperature coefficient (5⁰ – 18⁰C and 28⁰ – 40⁰C) ± (0.15 x accuracy spec) / ⁰C
Burden
Voltage Measurement
>10GΩ ±80pA
Current Measurement
4-wire sense: <±100µV
2-wire sense (front terminals): <0.1Ω
2-wire sense (rear terminals): <0.05Ω
External Guard offset Voltage
<±100µV from SENSE or MAIN HI terminal.
4-wire Sense Capability
Up to ±2V between respective MAIN and SENSE Terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com