Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 2 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 2 Page - Thurlby Thandar Instruments Ltd.

  1908 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
The SMU4000 Series provides class leading performance
at a new and affordable price point for a four quadrant
SMU. Combining touch screen technology with an intuitive
graphical user interface provides a clear and natural
flow through the test and measurement process.
Integrating a fast and agile, high power four quadrant
Voltage/ Current source and advanced precise Voltage/
Current meters in a compact half rack 2U casing, capable
of precisely supplying positive and negative voltages,
sourcing or sinking power, while simultaneously measuring
both current and voltage for I-V characterising.
With high current and power combined with fast
measurements and low glitch auto ranging speed,
it is the ideal solution for industrial development as
well as educational environments, identifying the
SMU as the all-in-one solution for simplifying test
applications such as battery charging/discharging, I-V
characterising, semiconductor testing and much more.
Powerflex technology
±200V / ±20V, ±3A ,25W
Fast measurement speeds
up to 200µs (5k/s)
Internal memory, up to 100k
measurements, up to 100k steps
4-quadrant Source,
Sink & Measure
0.1µV & 100fA,
6½ digit resolution
Continuous or pulsed high
speed outputs with Linear/
Log or arbitrary list sweeps
Compact size (A4 footprint)*
‘SMU Link’ allows two SMUs
to be linked together and
controlled simultaneously
CLASS LEADING
PERFORMANCE
**
* Bumpers removed.**GPIB Optional
SMU4001
SMU4201
Maximum Voltage ±21V
±210V
Voltage ranges
20mV to 20V
20mV to 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com