Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 10 Page - Thurlby Thandar Instruments Ltd.

Part # 1908
Description  ±200V & ±20V models Source Measure Units
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

1908 Datasheet(HTML) 10 Page - Thurlby Thandar Instruments Ltd.

Back Button 1908 Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 9Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 10Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 11Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 12Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 13Page - Thurlby Thandar Instruments Ltd. 1908 Datasheet HTML 14Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SOURCE SUPPLEMENTARY CHARACTERISTICS
Temperature coefficient
(5⁰ – 18⁰C and 28⁰ – 40⁰C)
± (0.15 x accuracy spec) / °C
Output power
25W four quadrant source or sink operation.
Overrange
105% of source and measure range.
Voltage Limits (compliance)
Bipolar limit with single setting. Maximum includes 105% overrange, minimum is 10% of selected manual
range, accuracy same as voltage measurement, 5 digit Resolution.
SMU4001
User settable 2mV to 21V
SMU4201
User settable 2mV to 210V
Current Limits (compliance)
Bipolar limit with single setting, user settable 20nA to 3.15A. Maximum includes 105% overrange, mini-
mum is 10% of selected manual range, accuracy same as current measurement, 5 digit Resolution.
Voltage Dropout (load modes)
Accuracy same as voltage measurements ±1 digit, 5 digit Resolution, 5% Hysteresis (1mV minimum)Only
available in load modes (LC, LP, LR) Voltage range forced to auto in load modes.
SMU4001
User settable up to 21V
SMU4201
User settable up to 210V
Pulse Width
User settable 200µs minimum with 10µs resolution.
Wideband Noise (Voltage source) SMU4001
<2mV (RMS, 10Hz – 20MHz)
typical into a resistive load.
SMU4201
<21V: <2mV (RMS, 10Hz – 20MHz)
21V to 210V: <3.5mV (RMS, 10Hz – 20MHz)
typical into a resistive load.
Source Settling Time Delay
User settable 100µs minimum with 10µs resolution.
OUTPUT POWER, VOLTAGE AND CURRENT CAPABILITY
PowerFlex
PowerFlex technology enables the instrument to achieve full instrument output power across the majority of the voltage range. 3A current limit, limits power at
absolute voltages < |8.33V|. Absolute voltages above |21V| are only achievable on the SMU4201. Output current limited to 0.5A at absolute voltages > |21V|.
PROTECTION
Over Current Protection
(OCP)
Bipolar protection limit with single setting, user settable 10µA to 3.15A, accuracy same as current measurements
±1 digit or can be disabled. 5 digit Resolution, setting independent of current range.
Over Voltage Protection
(OVP)
Bipolar protection limit with single setting, accuracy same as voltage measurements ±1 digit or can be disabled, 5
digit Resolution, setting independent of voltage range.
SMU4001
User settable 10mV to 21V
SMU4201
User settable 10mV to 210V
Over Power Protection
(OPP)
Bipolar protection limit with single setting, user settable 1µW to 26.25W, accuracy same as power measurements
±3 digits or can be disabled, 5 digit Resolution.
Over Temperature
Protection (OTP)
Internal Temperature safety trip. Not user settable, cannot be disabled.
Trip Delay (typical)
≤200µs
Trip Status
Output is disabled, off condition is set to OPEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com