Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 14 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 14 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 18Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Derating vs. Spacing Curves
0
2
4
6
8
10
12
01020304050607080
Surrounding Ambient Temperature in °C
Standalone
20mm and
over
10mm
0mm
RGC2..10
0
2
4
6
8
10
12
01020304050607080
Surrounding Ambient Temperature in °C
Standalone
20mm and
over
10mm
0mm
RGC3..10
Temp
Current
TempCurrent
0°C
26.8A
0°C
32.0A
25°C
26.8A
25°C
32.0A
80°C
9.5A
80°C
12.5A
RGC2_25
0mm10mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..25
10mm
0mm
0
10
20
30
40
50
60
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..40
10mm
0mm
RGC2_75
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC2..75
10mm
0mm
TempCurrent
Temp
CurrentTemp
Current
0°C
14.3A
0°C
19.5A0°C
25.0A
25°C
14.3A25°C
19.5A25°C25.0A
40°C
9.8A
40°C
15.5A40°C20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm
30mm
0
5
10
15
20
25
30
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..20
30mm
10mm
0mm
Temp
CurrentTempCurrentTemp
Current
0°C14.3A
0°C19.5A
0°C25.0A
25°C
14.3A25°C
19.5A
25°C25.0A
40°C
9.8A
40°C
15.5A
40°C
20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm30mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..25
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C
37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
5
10
15
20
25
30
35
40
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..30
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
0mm
20mm
RGC3_30
0
5
10
15
20
25
30
35
40
45
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..40
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
80
Surrounding Ambient Temp.erature in
°C
RGC3..65DF, DFM
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A
40°C
30.0A
80°C
12.5A
80°C
17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..65AF, AFM
10mm
0mm
Temp
Current
TempCurrent
0°C
26.8A
0°C
32.0A
25°C
26.8A
25°C
32.0A
80°C
9.5A
80°C
12.5A
RGC2_25
0mm10mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..25
10mm
0mm
0
10
20
30
40
50
60
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..40
10mm
0mm
RGC2_75
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC2..75
10mm
0mm
TempCurrent
Temp
CurrentTemp
Current
0°C
14.3A
0°C
19.5A0°C
25.0A
25°C
14.3A25°C
19.5A25°C25.0A
40°C
9.8A
40°C
15.5A40°C20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm
30mm
0
5
10
15
20
25
30
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..20
30mm
10mm
0mm
Temp
CurrentTempCurrentTemp
Current
0°C14.3A
0°C19.5A
0°C25.0A
25°C
14.3A25°C
19.5A
25°C25.0A
40°C
9.8A
40°C
15.5A
40°C
20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm30mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..25
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C
37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
5
10
15
20
25
30
35
40
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..30
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
0mm
20mm
RGC3_30
0
5
10
15
20
25
30
35
40
45
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..40
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
80
Surrounding Ambient Temp.erature in
°C
RGC3..65DF, DFM
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A
40°C
30.0A
80°C
12.5A
80°C
17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..65AF, AFM
10mm
0mm
Temp
Current
TempCurrent
0°C
26.8A
0°C
32.0A
25°C
26.8A
25°C
32.0A
80°C
9.5A
80°C
12.5A
RGC2_25
0mm10mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..25
10mm
0mm
0
10
20
30
40
50
60
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC2..40
10mm
0mm
RGC2_75
0
10
20
30
40
50
60
70
80
90
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC2..75
10mm
0mm
TempCurrent
Temp
CurrentTemp
Current
0°C
14.3A
0°C
19.5A0°C
25.0A
25°C
14.3A25°C
19.5A25°C25.0A
40°C
9.8A
40°C
15.5A40°C20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm
30mm
0
5
10
15
20
25
30
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..20
30mm
10mm
0mm
Temp
CurrentTempCurrentTemp
Current
0°C14.3A
0°C19.5A
0°C25.0A
25°C
14.3A25°C
19.5A
25°C25.0A
40°C
9.8A
40°C
15.5A
40°C
20.0A
70°C
3.0A
70°C
8.0A
60°C
15.0A
80°C
0.0A
80°C
5.0A
80°C
10.0A
RGC3_20
0mm10mm30mm
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..25
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C
37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
5
10
15
20
25
30
35
40
20
30
40
50
60
70
80
Surrounding Ambient Temperature in
°C
RGC3..30
20mm
0mm
Temp
Current
Temp
Current
0°C
33.5A
0°C
37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
0mm
20mm
RGC3_30
0
5
10
15
20
25
30
35
40
45
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..40
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A40°C30.0A
80°C
12.5A80°C17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
80
Surrounding Ambient Temp.erature in
°C
RGC3..65DF, DFM
10mm
0mm
Temp
CurrentTemp
Current
0°C33.5A
0°C37.0A
25°C
33.5A25°C37.0A
40°C
27.0A
40°C
30.0A
80°C
12.5A
80°C
17.5A
RGC3_30
0mm
20mm
0
10
20
30
40
50
60
70
80
20
30
40
50
60
70
Surrounding Ambient Temperature in
°C
RGC3..65AF, AFM
10mm
0mm
Note: RGC3A..AM up to 60oC
Note: RGC3A..AM up to 60oC
Note: RGC3A..AM up to 60oC
RGC3..10
RGC3..20
RGC3..25
RGC3..30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com