Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 26 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 26 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 27Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 28Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 29Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 30Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
26
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC..M Mode of Operation (continued)
SSR Short Circuit:
This condition is detected when the SSR output remains ON for more than 250 ms without control voltage. Upon this alarm,
an attempt is made to switch OFF the SSR output but this may not be possible in case of a damaged SSR output(s). Alarm
indication is given by 3 flashes of the red LED (same as the load loss alarm indication). In case of a self recovery, the SSR
will automatically reset.
During an SSR short circuit condition, the SSR output is ON unintentionally. In this case the auxiliary output does not work
in synchronisation with the SSR output.
Mains Supply (L1, L2, L3)
Load Supply (T1, T2, T3)
Load Current
Auxiliary Output, NO (21-24)
Auxiliary Output, NC (21-22)
Supply Voltage (Us)
Control Voltage (A1, A2)
Green LED (Control & Supply)
Yellow LED (Load status)
Red LED (Alarm LED)
Alarm Output, NO (11-14)
Alarm Output, NC (11-12)
Normal
Opera�on
SSR OFF
Normal
Opera�on
SSR ON
SSR short circuit condi�on
during control OFF
(>250ms)
Note 1
Note 1: For the AC external supply versions (RGC..A..A), the Auxiliary output, NC (21-22) will be closed only when the
external supply Us is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com