Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 17 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 17 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 21Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Filter connection diagram
Filtering
Part number
Suggested filter for EN 55011 Class
A compliance
Maximum heater current [AAC]
RGC2A60..10
220 nF / 760 V / X1
10 AAC
RGC2A22..25
220 nF / 275 V / X1
25 AAC
RGC2A60..25
220 nF / 760 V / X1
25 AAC
RGC2A60..40
330 nF / 760 V / X1
40 AAC
RGC2A60..75
470 nF / 760 V / X1
65 AAC
RGC3A22..10
220 nF / 275 V / X1
10 AAC
RGC3A60..10
220 nF / 760 V / X1
10 AAC
RGC3A22..20
220 nF / 275 V / X1
25 AAC
RGC3A60..20
220 nF / 760 V / X1
25 AAC
RGC3A60..25
330 nF / 760 V / X1
25 AAC
RGC3A60..30
470 nF / 760 V / X1
30 AAC
RGC3A60..40
470 nF / 760 V / X1
40 AAC
RGC3A60..48
470 nF / 760 V / X1
48 AAC
RGC3A60..65
470 nF / 760 V / X1
65 AAC
Note:
• Control input lines must be installed together to maintain products’ susceptability to Radio Frequency interference.
• Use of AC solid state relays may, according to the application and the load current, cause conducted radio interferences. Use
of mains filters may be necessary for cases where the user must meet E.M.C requirements. The capacitor values given inside
the filtering specification tables should be taken only as indications, the filter attenuation will depend on the final application.
• This product has been designed for Class A equipment. Use of this product in domestic environments may cause radio
interference, in which case the user may be required to employ additional mitigation methods.
• Surge tests on RGC..A, RGC..A..A.. models were carried out with the signal line impedence network. In case the line impedance
is less than 40Ω, it is suggested that AC supply is provided through a secondary circuit where the short circuit limit between
conductors or between conductors and ground is 1500 VA or less.
* For conformance to EN/IEC 61000-6-4, an external capacitor class X1, 220 nF, 275 VAC is to be connected across the input
control lines A1-A2 for AC control versions.
** With external varistor 275 V (S05K275) Type 2 connected between terminals 22 - 21 or terminals 24 - 21.
• Performance Criteria 1 (PC1): No degradation of performance or loss of function is allowed when the product is operated as
intended.
• Performance Criteria 2 (PC2): During the test, degradation of performance or partial loss of function is allowed. However when
the test is complete the product should return operating as intended by itself.
• Performance Criteria 3 (PC3): Temporary loss of function is allowed, provided the function can be restored by manual operation
of the controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com