Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  RGC2A60..10 Datasheet HTML 1Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Selection guide - 3-pole switching with monitoring (RGC3..M) - DIN rail mount versions
KKE: input terminals = screw, output terminals = screw
KGE: input terminals = screw, output terminals = box clamp
GKE: input terminals = box clamp, output terminals = screw
GGE: input terminals = box clamp, output terminals = box clamp
Selection guide - 3-pole switching (RGC3) - DIN rail mount versions
Rated
voltage
Control
voltage Features
External
supply,
Us
Rated operational current @ 40°C per pole
10 AAC
(1800 A2s)
20 AAC
(1800 A2s)
25 AAC
(1800 A2s)
30 AAC
(6600 A2s)
40 AAC
(6600 A2s)
65 AAC
(15000 A2s)
Product width
54 mm
54 mm
70 mm
70 mm
54 mm + fan 70 mm + fan
220 VAC
5 - 32 VDC
-
-
RGC3A22D10KKE RGC3A22D20KKE
-
-
-
-
20-275 VAC,
24-190 VDC
-
-
RGC3A22A10KKE RGC3A22A20KKE
-
-
-
-
600 VAC
5 - 32 VDC
-
OTP
OTP
-
24 VDC
90 - 250 VAC
RGC3A60D10KKE
-
-
RGC3A60D20KKE
-
-
RGC3A60D25KKE
-
-
RGC3A60D30KGE
-
-
-
RGC3A60D40GGEDF
-
-
RGC3A60D65GGEDF
RGC3A60D65GGEAF
20-275 VAC,
24-190 VDC
-
-
RGC3A60A10KKE RGC3A60A20KKE RGC3A60A25KKE RGC3A60A30KGE
-
-
20-275 VAC
OTP
90 - 250 VAC
-
-
-
-
RGC3A60A40GGEAF RGC3A60A65GGEAF
Carlo Gavazzi compatible components
Description
Component code
Notes
Fans
RG3FAN40
Fan accessory for RGC3..40
RG3FAN60
Fan accessory for RGC2..75 and RGC3..65
Rated
voltage
Control
voltage Features
External
supply,
Us
Rated operational current @ 40°C per pole
-
20 AAC
(1800 A2s)
25 AAC
(1800 A2s)
30 AAC
(6600 A2s)
-
65 AAC
(15000 A2s)
Product width
-
54 mm
70 mm
70 mm
-
70 mm + fan
600 VAC
5 - 32 VDC Monitoring
24 VDC
90-250 VAC
-
RGC3A60D20GKEDM
RGC3A60D20GKEAM
RGC3A60D25GKEDM
RGC3A60D25GKEAM
RGC3A60D30GGEDM
RGC3A60D30GGEAM
-
RGC3A60D65GGEDFM
RGC3A60D65GGEAFM
20-275 VAC Monitoring 90-250 VAC
-
RGC3A60A20GKEAM RGC3A60A25GKEAM RGC3A60A30GGEAM
-
RGC3A60A65GGEAFM
Selection guide - 3-pole switching (RGC3) - Panel mount versions
Rated
voltage
Control
voltage Features
External
supply,
Us
Rated operational current @ 40°C per pole
48 AAC
(15000 A²s)
Product width
157 mm
600 VAC
5 - 32 VDC
-
-
RGC3A60D48KGE
Monitoring
24 VDC
RGC3A60D48GGEDM
20-275 VAC
-
-
RGC3A60A48KGE
Monitoring 90-250 VAC
RGC3A60A48GGEAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com