Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC3.. Output
RGC3..22..10
RGC3..22..20
RGC3..60..10
RGC3..60..20
RGC3..60..25
Operational voltage range, Ue
42 - 242 VAC
42 - 660 VAC
90 - 660 VAC (RGC..M)
Permissable voltage unbalance
15% between L1/L2/L3
Blocking voltage
800 Vp
1200 Vp
Max. operational current per
pole1: AC-51 @ Ta=25°C
10 AAC
25 AAC
10 AAC
25 AAC
32 AAC
Max. operational current per
pole1: AC-51 @ Ta=40°C
10 AAC
20 AAC
10 AAC
20 AAC
28 AAC
Max. operational current per
pole1: AC-53a @ Ta=40°C
5 AAC
10 AAC
5 AAC
10 AAC
11 AAC
Operational frequency range
45 to 65 Hz
Output protection
Integrated varistor
Leakage current @ rated voltage
5 mAAC
Minimum operational current
RGC..F, RGC..M
250 mAAC
-
250 mAAC
1.2 AAC
250 mAAC
-
250 mAAC
1.2 AAC
250 mAAC
1.2 AAC
Repetitive overload current
(Motor rating) UL508: Ta=40°C,
t
ON=1 s, tOFF=9 s, 50 cycles
30 AAC
61 AAC
30 AAC
61 AAC
84 AAC
Non-repetitive surge current
(I
TSM), t=10 ms
600 Ap
600 Ap
600 Ap
600 Ap
600 Ap
I²t for fusing (t=10 ms), minimum
1800 A²s
1800 A²s
1800 A²s
1800 A²s
1800 A²s
No. of motor starts per hour2
(x: 6, Tx:6s, F:50%) @ 40°C
30
Power factor
>0.5 at rated voltage
Critical dV/dt (@Tj init = 40°C)
1000 V/μs
RGC3..60..30
RGC3..60..40
RGC3..60..48
RGC3..60..65
Operational voltage range, Ue
42 - 660 VAC
90 - 660 VAC (RGC..M)
Permissable voltage unbalance
15% between L1/L2/L3
Blocking voltage
1200 Vp
Max. operational current per
pole1: AC-51 @ Ta=25°C
37 AAC
42 AAC
55 AAC
71 AAC
Max. operational current per
pole1: AC-51 @ Ta=40°C
30 AAC
42 AAC
48 AAC
66 AAC
Max. operational current per
pole1: AC-53a @ Ta=40°C
14 AAC
17 AAC
23 AAC
25 AAC
Operational frequency range
45 to 65 Hz
Output protection
Integrated varistor
Leakage current @ rated voltage
5 mAAC
Minimum operational current
RGC..F, RGC..M
400 mAAC
1.2 AAC
400 mAAC
1.2 AAC
500 mAAC
1.2 AAC
500 mAAC
1.2 AAC
Repetitive overload current
(Motor rating) UL508: Ta=40°C,
t
ON=1 s, tOFF=9 s, 50 cycles
107 AAC
107 AAC
154 AAC
154 AAC
Non-repetitive surge current
(I
TSM), t=10 ms
1150 Ap
1150 Ap
1750 Ap
1750 Ap
I²t for fusing (t=10 ms), minimum
6600 A²s
6600 A²s
15000 A2s
15000 A²s
No. of motor starts per hour2
(x: 6, Tx:6s, F:50%) @ 40°C
30
Power factor
>0.5 at rated voltage
Critical dV/dt (@Tj init = 40°C)
1000 V/μs
1. Refer to Current Derating Curves. Max. VDE AC-51 rating for RGC2..10 is 9 AAC
2. Overload profile for AC-53a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com