Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 9 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 13Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RG..D..
RG..A..
RG..D..D..
RG..D..A..
RG..A..A..
Control voltage
range, UC (A1, A2)
5 - 32 VDC
20-275 VAC,
24 (-10%) -190 VDC
5 - 32 VDC
20-275 VAC
Pick-up voltage
4.8 VDC
20 VAC/DC
4.8 VDC
20 VAC
Drop-out voltage
1.0 VDC
5 VAC/DC
1.0 VDC
5 VAC
Maximum reverse
voltage
32 VDC
-
32 VDC
-
Maximum response
time
0.5 cycle + 500 μs @
24 VDC
2 cycles @
230 VAC/110 VDC
1 cycle + 500 μs @
24 VDC
5 cycles @
230 VAC
Input current @
40°C
See diagrams below
Inputs
115 VAC
230 VAC
400 VAC
480 VAC
600 VAC
RGC2..10
½ HP / 0.37 kW
1 HP / 1.1 kW
2 HP / 1.5 kW
3 HP / 2.2 kW
3 HP / 3 kW
RGC2..25
1½ HP / 1.1 kW
3 HP / 3.0 kW
5 HP / 5.5 kW
7½ HP / 5.5 kW
10 HP / 9.0 kW
RGC2..40
3 HP / 1.5 kW
5 HP / 4.0 kW
10 HP / 7.5 kW
10 HP / 9.0 kW
15 HP / 11.0 kW
RGC2..75
5 HP / 3.0 kW
10 HP / 7.5 kW
15 HP / 11.0 kW
20 HP / 15.0 kW 25 HP / 22.0 kW
RGC3..10
½ HP / 0.37 kW
1 HP / 1.1 kW
2 HP / 1.5 kW
3 HP / 2.2 kW
3 HP / 3 kW
RGC3..20
1 HP / 0.75 kW
3 HP / 2.2 kW
5 HP / 4.0 kW
7½ HP / 5.5 kW
10 HP / 7.5 kW
RGC3..25
2 HP / 1.1 kW
3 HP / 2.2 kW
7½ HP / 4.0 kW
10 HP / 5.5 kW
10 HP / 7.5 kW
RGC3..30
2 HP / 1.5 kW
5 HP / 3.0 kW
10 HP / 5.5 kW
10 HP / 7.5 kW
15 HP / 11.0 kW
RGC3..40
2 HP / 1.5 kW
5 HP / 4.0 kW
10 HP / 7.5 kW
10 HP / 9.0 kW
15 HP / 11.0 kW
RGC3..48
3 HP / 3.0 kW
10 HP / 5.5 kW
15 HP / 11.0 kW
20 HP / 15.0 kW 25 HP / 20.0 kW
RGC3..65
3 HP / 3.0 kW
10 HP / 5.5 kW
15 HP / 11.0 kW
20 HP / 15.0 kW 25 HP / 20.0 kW
Motor Ratings: HP (UL508) / kW (EN/IEC 60947-4-2) @ 40°C
Input current vs input voltage
RG..D
RG..A
0.50mA
2.50mA
4.50mA
6.50mA
8.50mA
10.50mA
12.50mA
5V
6V
8V
10V
12V
14V
16V
18V
20V
22V
24V
26V
28V
30V
32V
Input current vs Input voltage
RG..D..D.., RG..D..A..
0.00mA
1.00mA
2.00mA
3.00mA
4.00mA
5.00mA
20V
60V
90V
110V
150V
200V
230V
275V
Input current vs Input voltage
RG..A..A..
RG..D..D..
RG..D..A..
Input current vs Input voltage
Input current vs Input voltage
Input current vs Input voltage
Input current vs Input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com