Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  RGC2A60..10 Datasheet HTML 1Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Enter the code entering the corresponding option instead of
. Refer to selection guide section for valid part numbers.
Order code
RGC3A
E
Code
Option Description
Comments
R
-
Solid State Relay (RG)
G
-
C
-
With integrated heatsink
3
-
3-pole switching
A
-
Switching mode: zero cross
22
Rated voltage: 42-242 VAC, 800 Vp
60
Rated voltage: 42-660 VAC, 1200 Vp
90 - 660 VAC for RGC..M
D
Control voltage: 5-32 VDC
A
Control voltage: 20-275 VAC, 24-190 VDC
AC control range for RGC..A..A..
limited to 20-275 VAC only
10
Rated current
Not available with monitoring option
20
Rated current
25
Rated current
30
Rated current
40
Rated current
Not available with monitoring option
65
Rated current
K
Screw connection for control terminals
G
Box clamp connection for control terminals
For RGC..M, RGC..F
K
Screw connection for power terminals
For RGC..10, RGC..20, RGC..25
G
Box clamp connection for power terminals
For RGC..30, RGC..40, RGC..75
E
-
Contactor configuration
D
External supply: 24 VDC
For RGC..F or RGC..M only
A
External supply: 90-250 VAC
For RGC..F or RGC..M only
F
Integrated fan with over temperature protection (OTP) and EMR alarm output For RGC..65
M
Monitoring for mains loss, load loss, SSR short circuit, open circuit
and over-temperature with EMR alarm output and auxiliary output
RGC..M is suitable only for
resistive loads
Panel mount version
Code
Option Description
Comments
R
-
Solid State Relay (RG)
G
-
C
-
With integrated heatsink
3
-
3-pole switching
A
-
Switching mode: zero cross
60
-
Rated voltage: 42-660 VAC, 1200 Vp
90 - 660 VAC for RGC..M
D
Control voltage: 5-32 VDC
A
Control voltage: 20-275 VAC, 24-190 VDC
AC control range for RGC..A..A..
limited to 20-275 VAC only
48
-
Rated current
K
Screw connection for control terminals
G
Box clamp connection for control terminals
Applicable to RGC..M
G
-
Box clamp connection for power terminals
E
-
Contactor configuration
D
External supply: 24 VDC
For RGC..M only
A
External supply: 90-250 VAC
For RGC..M only
M
Monitoring for mains loss, load loss, SSR short circuit, open circuit
and over-temperature with EMR alarm output and auxiliary output
RGC..M is suitable only for
resistive loads
DIN rail mount version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com