Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 27 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 27 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 27Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 28Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 29Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 30Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 31Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
27
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC..M Mode of Operation (continued)
SSR Open Circuit:
This alarm is issued when either one of the poles or all 3 poles do not switch ON within 250 ms when control voltage is
applied. This alarm type is identified by 4 flashes of the red LED. In the case of an open circuit on only 1 pole the load will
switch on 2 phases. The alarm output remains active (with control ON) until the alarm condition is removed.
Mains Supply (L1, L2, L3)
Load Current, I1
Load Current, I2
Load Current, I3
Auxiliary Output, NO (21-24)
Auxiliary Output, NC (21-22)
Supply Voltage (Us)
Control Voltage (A1, A2)
Green LED (Control & Supply)
Yellow LED (Load status)
Red LED (Alarm)
Alarm Output, NO (11-14)
Alarm Output, NC (11-12)
Note 2
Note 2
Note 2
Note 1
Normal
Opera�on
SSR OFF
SSR open circuit
condi�on on pole L1-T1
(>250 ms)
SSR open circuit
condi�on on pole L2-T2
(> 250 ms)
SSR open circuit
condi�on on pole L3-T3
(> 250 ms)
Note 1: For the AC external supply versions (RGC..A..A), the Auxiliary output, NC (21-22) will be closed only when the
external supply Us is present.
Note 2: Yellow LED and Auxiliary output is OFF if all the loads connected to the 3 poles T1, T2 and T3 are missing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com