Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 16 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 16 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 20Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
16
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Electromagnetic compatibility (EMC) - Immunity
Electrostatic discharge (ESD)
EN/IEC 61000-4-2
8 kV air discharge, 4 kV contact (PC2)
Radiated radio frequency
EN/IEC 61000-4-3
10 V/m, from 80 MHz to 1 GHz (PC1)
10 V/m, from 1.4 to 2 GHz (PC1)
10 V/m, from 2 to 2.7 GHz (PC1)
Electrical fast transient (burst)
RGC..M
EN/IEC 61000-4-4
Output: 2 kV, 5 kHz (PC1)
Input: 1 kV, 5 kHz (PC1)
Signal: 1 kV, 5 kHz (PC1)
Conducted radio frequency
EN/IEC 61000-4-6
10 V/m, from 0.15 to 80 MHz (PC1)
Electrical surge
RGC..D..D
RGC..D..A, RGC..A..A
RGC..D..D
RGC..D..A, RGC..A..A
EN/IEC 61000-4-5
Output, line to line: 1 kV (PC2)
Output, line to earth: 2 kV (PC2)
Input, line to line: 500 V (PC2)
Input, line to earth: 500 V (PC2)
Signal, line to line, 500 V (Us, 21, 22, 24) (PC1)
Signal, line to line, 1 kV (Us, 21, 22, 24) (PC1)
Signal, line to earth, 500 V (Us, 21, 22, 24) (PC1)
Signal, line to earth, 1 kV (Us, 21, 22, 24) (PC1)
11, 12, 14, line to line, 1 kV (PC1)
11, 12, 14, line to earth, 2 kV (PC1)
Voltage dips
EN/IEC 61000-4-11
0% for 0.5, 1 cycle (PC2)
40% for 10 cycles (PC2)
70% for 25 cycles (PC2)
80% for 250 cycles (PC2)
Voltage interruptions
EN/IEC 61000-4-11
0% for 5000 ms (PC2)
Electromagnetic compatibility (EMC) - Emissions
Radio interference field
emission (radiated)
EN/IEC 55011
Class A: from 30 to 1000 MHz
Radio interference voltage
emissions (conducted)
EN/IEC 55011
Class A: from 0.15 to 30 MHz
(External filter may be required - refer to Filtering section)
Compatibility and conformance
6
Approvals
Standards compliance
LVD: EN/IEC 60947-4-2, EN/IEC 60947-4-3
EMCD: EN 60947-4-3
UL: UL508, E172877
cUL: C22.2 No. 14-13, E172877
CCC, GB/T 14048.5-2017 (IEC 60947-5-1)
VDE 0660-117 (DIN EN 60947-4-2), VDE 0700-1 (DIN EN 60335-1)7
UL short circuit current rating
100k Arms (refer to short circuit current section, Type 1 – UL508)
s
7. Applicable only to RGC...10
6. Not applicable for RGC...48
6, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com