Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A60..10 Datasheet(PDF) 20 Page - Carlo Gavazzi Holding AG

Part # RGC2A60..10
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A60..10 Datasheet(HTML) 20 Page - Carlo Gavazzi Holding AG

Back Button RGC2A60..10 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A60..10 Datasheet HTML 24Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Short circuit protection
Protection Co-ordination, Type 1 vs Type 2:
Type 1 protection implies that after a short circuit, the device under test will no longer be in a functioning state. In Type 2
co-ordination the device under test will still be functional after the short circuit. In both cases, however the short circuit has
to be interrupted. The fuse between enclosure and supply shall not open. The door or cover of the enclosure shall not be
blown open. There shall be no damage to conductors or terminals and the conductors shall not separate from terminals.
there shall be no breakage or cracking of insulating bases to the extent that the integrity of the mounting of live parts is
impaired. Discharge of parts or any risk of fire shall not occur.
The product variants listed in the table hereunder are suitable for use on a circuit capable of delivering not more than
100,000 Arms Symmetrical Amperes, 600 Volts maximum when protected by fuses. Tests at 100,000 A were performed
with Class J fuses, fast acting; please refer to the table below for maximum allowed ampere rating of the fuse. Use fuses
only.
Tests with Class J fuses are representative of Class CC fuses.
Protection co-ordination Type 1 according to UL 508
Part No.
Prospective short
circuit current
[kArms]
Max fuse size [A]
Class
Voltage [VAC]
RGC2..10, RGC2..25,
RGC3..10, RGC3..20,
RGC3..25
100
30
J or CC
Max. 600
RGC2..40,
RGC3..30, RGC3..40
40
J
RGC2..75,
RGC3..48, RGC3..65
608
J
8. Consult a Carlo Gavazzi sales representative for use of 70 A class J fuses
Protection co-ordination Type 2 for motor load applications
Part No.
Prospective short
circuit current
[kArms]
Ferraz Shawmut (Mersen)
Siba
Voltage [VAC]
Max fuse
size [A]
Part number
Max fuse
size [A]
Part number
RGC2..10
100
40
A70QS40-4
32
50 142 06 32
600
RGC2..25
40
A70QS40-4
32
50 142 06 32
RGC2..40
60
A70QS60-4
63
50 194 20 63
RGC2..75
100
A70QS100-4
125
50 196 20 125
RGC3..10
40
A70QS40-4
32
50 142 06 32
RGC3..20
40
A70QS40-4
32
50 142 06 32
RGC3..25
40
A70QS40-4
32
50 142 06 32
RGC3..30
40
A70QS40-4
40
50 194 20 40
RGC3..40
50
A70QS50-4
50
50 194 20 50
RGC3..48
70
A70QS70-4
63
50 194 20 63
RGC3..65
100
A70QS100-4
125
50 196 20 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com