Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLF12 Datasheet HTML 1Page - Banner Engineering Corp. WLF12 Datasheet HTML 2Page - Banner Engineering Corp. WLF12 Datasheet HTML 3Page - Banner Engineering Corp. WLF12 Datasheet HTML 4Page - Banner Engineering Corp. WLF12 Datasheet HTML 5Page - Banner Engineering Corp. WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
(1) Models with a quick-disconnect connector require a mating cordset.
© Banner Engineering Corp. All rights reserved.
 
 
4
Chapter Contents
 
Model Key
Family
Cascade
Color
Lighted Length (mm)
Construction
Voltage
Connector(1)
WLF12
X
W
300
S
24
QP
WLF12
X = Non-
cascadeable
W = Daylight
White (5000K)
300 = 300 mm
S = Sealed (IP66, IP67,
IP69K per DIN 40050-9)
24 = 24 V
DC
QP = 150 mm (6 in) PVC-
jacketed cable with a 4-pin M12
male quick-disconnect connector
600 = 600 mm
1200 = 1200 mm
2000 = 2000 mm
3000 = 3000 mm
4000 = 4000 mm
Models
Chapter 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com