Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 12 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 12 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. WLF12 Datasheet HTML 15Page - Banner Engineering Corp. WLF12 Datasheet HTML 16Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
March 08, 2024
 
WLF12 Flexible LED Strip Light Instruction Manual
© Banner Engineering Corp. All rights reserved.
 
 
12
4-Pin Threaded M12 Cordsets—Double Ended
Model
Length
Style
Dimensions
Pinout
MQDEC-401SS
0.31 m (1 ft)
Male Straight/
Female Straight
40 Typ.
[1.58"]
ø 14.5 [0.57"]
M12 x 1
44 Typ.
[1.73"]
ø 14.5 [0.57"]
M12 x 1
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
MQDEC-402SS
0.6 m (1.97 ft)
MQDEC-403SS
0.91 m (2.99 ft) 
MQDEC-406SS
1.83 m (6 ft)
MQDEC-412SS
3.66 m (12 ft)
MQDEC-415SS
4.58 m (15 ft)
MQDEC-420SS
6.10 m (20 ft)
MQDEC-430SS
9.14 m (30.2 ft)
Splitter Cordsets
4-Pin Threaded M12 Male to 5-Pin Threaded M12 Female Splitter Cordset
 Model
Branches (Female)
Wiring
S15YB-M124-M124-0.2M
L1, L2
2 × 0.2 m (7.9 in)
TRUNK
(MALE)
BRANCH 2
(FEMALE)
BRANCH 1
(FEMALE)
1
2
3
4
1
2
3
4
1
2
3
4
2X
M12 x 1
M12 x 1
L2
L1
2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com