Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 13 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 13 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. WLF12 Datasheet HTML 15Page - Banner Engineering Corp. WLF12 Datasheet HTML 16Page - Banner Engineering Corp. WLF12 Datasheet HTML 17Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual
© Banner Engineering Corp. All rights reserved.
 
 
13
4-Pin Threaded M12 Splitter Cordsets—Flat Junction 
Model 
Branches (Female) 
Trunk (Male) 
Pinout 
CSB-M1240M1240 
No branch 
No trunk 
 Female
 
2
3
4
1
 
Male
1
4
3
2
1 = Brown 
2 = White 
3 = Blue 
4 = Black 
CSB-M1240M1241 
2 × 0.3 m (1 ft) 
No trunk
CSB-M1241M1241 
0.31 m (1 ft)
CSB-M1248M1241 
2.44 m (8 ft)
CSB-M12415M1241 
4.57 m (15 ft) 
CSB-M12425M1241  
7.60 m (25 ft) 
CSB-UNT425M1241 
7.60 m (25 ft) Unterminated 
CSB-M1243M1243
2 × 1 m (3.28 ft) 
1 m (3.28 ft)
 
44 Typ.
[1.73"]
43.0
[1.69"]
Ø14.5 [0.57"]
M12 x 1
Ø14.5 [0.57"]
40 Typ.
[1.58"]
18.0
[0.71"]
Ø4.5
[0.18"]
35 [1.38"]
M12 x 1
 
5-Pin Threaded M12 Splitter Cordset with Flat Junction—Double Ended 
Model 
Trunk (Male) 
Branches (Female) 
Pinout (Male) 
Pinout (Female) 
CSB4-M1251M1250 
0.3 m (0.98 ft) 
Four (no cable) 
1
4
5
3
2
 
 
2
3
4
1
5
 
Branch 1
Branch 2
Branch 3
Branch 4
3 x 18
72 mm
2 x 19
32 mm
Male Trunk
Length
 
1 = Brown 
2 = White 
3 = Blue 
4 = Black 
5 = Gray 
Junction Blocks
R50-4M125-M125Q-P Molded Junction Block
Four integral 5-pin M12 female quick-disconnect connectors
One integral 5-pin M12 male quick-disconnect connector
Parallel wiring
R95-8M125-M125Q-P Molded Junction Block
Eight integral 5-pin M12 female quick-disconnect connectors
One integral 5-pin M12 male quick-disconnect connector
Parallel wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com