Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 15 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 15 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. WLF12 Datasheet HTML 15Page - Banner Engineering Corp. WLF12 Datasheet HTML 16Page - Banner Engineering Corp. WLF12 Datasheet HTML 17Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual
© Banner Engineering Corp. All rights reserved.
 
 
15
•
•
•
•
•
•
•
•
•
•
•
•
Power Supplies
 PSW-24-1
24 V DC, 1 A Class 2 UL Listed power supply 
100 V AC to 240 V AC 50/60 Hz input 
2 m (6.5 ft) PVC cable with M12 quick disconnect 
Includes Type A (US, Canada, Japan, Puerto Rico, Taiwan), Type C (Germany,
France, South Korea, Netherlands, Poland, Spain, Turkey), Type G (United
Kingdom, Ireland, Singapore, Vietnam), and Type I (China, Australia, New
Zealand) AC detachable input plugs 
TYPE A
TYPE G
TYPE C
TYPE I
 
 PSW-24-2
24 V DC, 2 A Class 2 UL Listed power supply 
100 V AC to 240 V AC 50/60 Hz input 
3.5 m (11.5 ft) PVC cable with M12 quick disconnect 
Includes Type A (US, Canada, Japan, Puerto Rico, Taiwan), Type C (Germany,
France, South Korea, Netherlands, Poland, Spain, Turkey), Type G (United
Kingdom, Ireland, Singapore, Vietnam), and Type I (China, Australia, New
Zealand) AC detachable input plugs 
 
 PSD-24-4
90 to 264 V AC 50/60 Hz input 
Includes a 1.8 m (6 ft) US style 5-15P input plug 
24 V DC UL Listed Class 2 M12 connector output 
4 A total current 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com