Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
March 08, 2024
 
WLF12 Flexible LED Strip Light Instruction Manual
(1) Values shown at 25 °C. Current and lumen values decrease 0.4% per 1 °C from ambient. For example, an 1200 mm unit will have a maximum current of 0.66
A at -20 °C and 0.515 A at +45 °C.
© Banner Engineering Corp. All rights reserved.
 
 
10
Light Characteristics
Daylight White
Color Temperature (CCT): 5000K (± 300K)
CRI: 80, min.
LED Pitch: 8.33 mm
Beam Angle: 120°
Light Length
Lumens (Typical at 25 °C)(1)
300 mm
285
600 mm
570
1200 mm
1140
2000 mm
1900
3000 mm
2850
4000 mm
3800
Dimensions
14.8
6.4
M12 x 1.0
44
171
L2
L1
TAPE
12.8
44
INCLUDE EXTRA ENDCAP
WITH EACH UNIT
Models
L1
L2
WLF12..300..
300 mm (11.81 in)
325 mm (12.8 in)
WLF12..600..
600 mm (23.6 in)
625 mm (24.61 in)
WLF12..1200..
1200 mm (47.24 in)
1225 mm (48.23 in)
WLF12..2000..
2000 mm (78.74 in)
2025 mm (79.72 in)
WLF12..3000..
3000 mm (118.1 in)
3025 mm (119.1 in)
WLF12..4000..
4000 mm (157.5 in)
4025 mm (158.5 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com