Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 11 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 11 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. WLF12 Datasheet HTML 15Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
© Banner Engineering Corp. All rights reserved.
 
 
11
•
•
•
Chapter Contents
Mounting Accessories .........................................................................................................................................................................................11
Cordsets ..............................................................................................................................................................................................................11
Splitter Cordsets................................................................................................................................................................................................. 12
Junction Blocks .................................................................................................................................................................................................. 13
Dimmers and Switches....................................................................................................................................................................................... 14
Power Supplies .................................................................................................................................................................................................. 15
 
Mounting Accessories
LMBWLF12C
Set of 10 clamp brackets
Translucent silicone
Designed for M3 or No. 4 mounting hardware
6
27
5.5
2X Ø2
 
Cordsets
4-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-403
1 m (3.28 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
7 mm
58 mm
Ø5.2 mm
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Not used
MQDC-406
2 m (6.56 ft)
MQDC-410
3 m (9.8 ft)
MQDC-415
5 m (16.4 ft)
MQDC-430
9 m (29.5 ft)
4-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406RA
2 m (6.56 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
7 mm
58 mm
Ø5.2 mm
1
2
3
4
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Not used
MQDC-415RA
5 m (16.4 ft)
MQDC-430RA
9 m (29.5 ft)
Accessories
Chapter 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com