Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 6 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 2Page - Banner Engineering Corp. WLF12 Datasheet HTML 3Page - Banner Engineering Corp. WLF12 Datasheet HTML 4Page - Banner Engineering Corp. WLF12 Datasheet HTML 5Page - Banner Engineering Corp. WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
© Banner Engineering Corp. All rights reserved.
 
 
6
Chapter Contents
 
Cutting Instructions
Chapter 4
Prepare the flexible LED strip light and remove power.
1.
Cut along one of the cutting lines located between each section of six LEDs that are spaced every 50 mm.
2.
Peel back part of the tape on the back, and trim it off.
3.
Cover the cut end of the light with silicone glue.
4.
Take the extra supplied silicone end cap, and put it on the end of the light. Press out excess glue.
5.
Clean the light of the excess glue.
6.
Allow twenty-four hours for the glue to dry.
7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com