Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLF12 Datasheet HTML 1Page - Banner Engineering Corp. WLF12 Datasheet HTML 2Page - Banner Engineering Corp. WLF12 Datasheet HTML 3Page - Banner Engineering Corp. WLF12 Datasheet HTML 4Page - Banner Engineering Corp. WLF12 Datasheet HTML 5Page - Banner Engineering Corp. WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
© Banner Engineering Corp. All rights reserved.
 
 
3
•
•
•
•
•
•
•
•
•
Chapter Contents
 
Banner’s WLF12 Flexible LED Strip Light has been engineered to integrate easily into a broad range of industrial applications 
and environments. Its rugged yet flexible housing can be cut to length, allowing users to customize the light to their ideal
shape. The light installs easily with integral high-strength adhesive tape, for creative use on a work station, assembly station,
machine, or in a cabinet.
Provides bright illumination in workspaces, cabinets, and machines with 285 lumens per 300 mm
Durable, silicone-encapsulated housing provides long-lasting, worry-free performance
24 V DC EMI hardened circuitry ensures flicker-free operation and uniform light output
Plug-and-play standard M12 connections simplify installation by eliminating soldering
Peel-and-stick installation using high-strength adhesive backing ensures quick and secure mounting
Six housing lengths (from 300 mm to 4000 mm) can be cut in 50 mm increments to fit exact application specifications
Rated IP67 and IP69K per DIN 40050-9 to withstand harsh conditions; is dust-resistant and tolerant of high
temperatures
Optional brackets are available for an even more secure installation and positioning
Both straight and curved installation possible
IMPORTANT: Read the following instructions before operating the light. Please download the
complete WLF12 Flexible LED Strip Light technical documentation, available in multiple languages, from 
www.bannerengineering.com for details on the proper use, applications, Warnings, and installation
instructions of this device. 
For PWM dimming, use with the LC15T-127AP2RBGQP or LC25T-AP2RGBQ
dimmer modules. For more information, refer to the LC15T In-Line Touch Switch
datasheet, p/n 217460, or to the LC25T In-Line Touch Switch datasheet, p/n
231078. For single color models only.
Features
Chapter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com