Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 14 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 14 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. WLF12 Datasheet HTML 14Page - Banner Engineering Corp. WLF12 Datasheet HTML 15Page - Banner Engineering Corp. WLF12 Datasheet HTML 16Page - Banner Engineering Corp. WLF12 Datasheet HTML 17Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
March 08, 2024
 
WLF12 Flexible LED Strip Light Instruction Manual
© Banner Engineering Corp. All rights reserved.
 
 
14
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Dimmers and Switches
LC15T-127AL2RGQP
In-line capacitive touch switch with M12 connectors
On/Off control and illuminated indication
Rated for up to 30 V DC and 4 A maximum output current
Rugged and waterproof IP67 housing
 
LC15T-127AP2RBGQ
In-line capacitive touch switch with M12 connectors
On/Off/Dimming control and illuminated indication
Rated for up to 30 V DC and 4 A maximum output current
Rugged and waterproof IP67 housing
 
LC25T-AL2RGQ
In-line capacitive touch switch with M12 connectors 
Used with 2-wire DC devices
Rated for up to 30 V DC and 4 A maximum output current
Low profile, rugged, water-resistant IP67 design
 
LC25T-AP2RGBQ
In-line capacitive touch switch with M12 connectors 
Used with 2-wire PWM-controlled devices
Rated for up to 30 V DC and 4 A maximum output current
Low profile, rugged, water-resistant IP67 design
 
 WLS28-2MQ
2-position in-line motion detector switch with M12 connectors 
Used with 2-wire DC LED lights 
Rated for up to 30 V DC and 4 A maximum output current 
IP50 housing 
 
 WLS28-2PBQ
3-position in-line switch with M12 connectors 
Used with 3-wire DC LED lights 
Rated for up to 30 V DC and 4 A maximum output current 
IP50 housing 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com