Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLF12 Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # WLF12
Description  WLF12 Flexible LED Strip Light
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLF12 Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button WLF12 Datasheet HTML 5Page - Banner Engineering Corp. WLF12 Datasheet HTML 6Page - Banner Engineering Corp. WLF12 Datasheet HTML 7Page - Banner Engineering Corp. WLF12 Datasheet HTML 8Page - Banner Engineering Corp. WLF12 Datasheet HTML 9Page - Banner Engineering Corp. WLF12 Datasheet HTML 10Page - Banner Engineering Corp. WLF12 Datasheet HTML 11Page - Banner Engineering Corp. WLF12 Datasheet HTML 12Page - Banner Engineering Corp. WLF12 Datasheet HTML 13Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
March 08, 2024
WLF12 Flexible LED Strip Light Instruction Manual 
© Banner Engineering Corp. All rights reserved.
 
 
9
Chapter Contents
Dimensions......................................................................................................................................................................................................... 10
 
Supply Voltage
24 V DC (±10%)
Use only with a suitable Class 2 power supply (UL) or SELV
power supply (CE)
Supply Current
Light Length
Typical Current (A) at
25 °C
Maximum Current (A)
at -20 °C
300 mm
0.14
0.165
600 mm
0.28
0.33
1200 mm
0.56
0.66
2000 mm
0.933
1.1
3000 mm
1.4
1.65
4000 mm
1.867
2.2
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Connections
150 mm (6 in) PVC-jacketed cable with a 4-pin M12 male
quick-disconnect connector
Models with a quick-disconnect connector require a mating
cordset
Do not spray cable with high-pressure sprayer or cable
damage will result.
Operating Temperature
–20 °C to +45 °C (–4 °F to +113 °F)
Storage Temperature
–35 °C to +70 °C (–31 °F to +158 °F)
Environmental Rating
Rated IP66, IP67, IP69K per DIN 40050-9
Suitable for damp locations per UL 2108
Do not spray cable with a high-pressure sprayer or cable
damage will result.
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per
IEC 60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC
60068-2-27
Construction
Clear silicone outer housing and end caps
Internally silicone-encapsulated LEDs
Very high-bonding strength tape and protective liner pre-
applied to the back of the light
Application Notes
When cutting the WLF12, it is important to use the extra end
cap supplied along with silicone glue. See "Cutting
Instructions" on page 6. Cutting the WLF12 voids the Limited
Warranty.
For indoor or outdoor use, if exposure to direct sunlight is 
avoided.
Do not use in applications with repeated flexing.
Minimum Bend Radius
15 mm
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in
accordance with local and national
electrical codes and regulations. 
Overcurrent protection is required to be provided by end
product application per the supplied table. 
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go
to www.bannerengineering.com. 
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5
Mounting
Use pre-applied, very high-bonding strength tape to mount the
WLF12 without mounting brackets, see "Mounting
Instructions" on page 7
If needed, use mounting bracket LMBWLF12C, see "Mounting
Accessories" on page 11
Certifications
Banner Engineering BV
Park Lane, Culliganlaan 2F bus 3
1831 Diegem, BELGIUM
Turck Banner LTD Blenheim House
Blenheim Court
Wickford, Essex SS11 8YT
GREAT BRITAIN
Specifications
Chapter 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com