Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics L9669 Datasheet HTML 10Page - STMicroelectronics L9669 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L9669
1.
FUNCTIONAL DESCRIPTION
The L9669 is a monolithic integrated circuit which provides all main functions for an automotive body CAN sys-
tem. The device guarantees a clearly defined behavior in case of failure to avoid permanent CAN bus errors. It
is primarily intended for low speed applications in passenger cars.
1.1 Transceiver
– Supports double wire unshielded busses
– Baud rates up to 125 kBaud
– Single wire operation possible (automatic switching to single wire upon bus failures)
– Bus not loaded in case of unpowered transceiver
The CAN transceiver stage is able to transfer serial data on two independent communication wires either differ-
entially (normal operation) or in case of a single wire fault on the remaining line. The physical bitcoding is done
using dominant (transmitter active) and overwritable recessive states. Too long dominant phases are detected
internally and further transmission is automatically disabled (malfunction of protocol unit does not affect com-
munication on the bus (“fail safe mechanism”)).
1.2 Modes of Operation
Five different functional modes exist to enable or establish the usage of low power or receive only operation.
Note: Wake-up interrupts are released when entering RXonly or normal mode.
The following state diagram shows these modes and the possible state interactions depending on the input sig-
nals NSTB and EN.
NSTB
EN
Mode
INH
NERR
RXD
RTL
0
0
standby
VS
active LOW wake-up interrupt signal
(if VCC is present)
switched to VS
(typ. 13k
Ω)
0
0
sleep
floating
0
1
“go to sleep”
1
1
normal
VS
active LOW
error flag
HIGH=recessive
LOW=dominant
received data
switched to VCC
10
RXonly
Power on
active LOW
VS power-on
flag if VCC is
present
active LOW
wake-up interrupt
signal if VCC is
present
switched to VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com