Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics L9669 Datasheet HTML 10Page - STMicroelectronics L9669 Datasheet HTML 11Page - STMicroelectronics L9669 Datasheet HTML 12Page - STMicroelectronics L9669 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
L9669
2.
APPLICATION CIRCUIT DIAGRAM
Figure 5.
3.
TEST CIRCUIT FOR DYNAMIC CHARACTERISTICS
Figure 6.
99AT0005
R
RTH
8
CAN
Transceiver
RTH
CANH
11
CANL
12
9
RTL
6
EN
13
GND
NSTB
5
NERR
4
3
RXD
2
TXD
VCC
10
INH
1
VS
14
7
WAKE
R
RTL
CAN
Controller
CAN
BUS
LINE
Voltage
Regulator
KL30 (+12V)
+5V
99AT0006
R
1
5
NSTB
EN
6
WAKE
7
2
TXD
4
NERR
1
INH
VS
14
10
VCC
3
RTH
CANL
8
12
11
CANH
9
RTL
13
20pF
RXD
GND
C
1
C
2
R
1
C
1
+5V
+14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com