Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 1 Page - STMicroelectronics

  L9669 Datasheet HTML 1Page - STMicroelectronics L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L9669
July 2003
s
FAULT TOLERANT DIFFERENTIAL
CAN TRANSCEIVER
s
OPERATING SUPPLY VOLTAGE 6V TO 28V,
TRANSIENTS UP TO 40V
s
LOW QUIESCENT CURRENT IN STANDBY
MODE (100
µA) AND SLEEP MODE (37µA)
s
ON CHIP DIAGNOSIS FOR ERRORS ON THE
PHYSICAL BUSLINES WITH MICRO
CONTROLLER INTERFACE
s
OPTIMIZED EMI BEHAVIOUR DUE TO LIMITED
AND SYMMETRIC SLOPES OF CAN SIGNALS
s
AUTOMATIC SWITCHING TO SINGLE WIRE
MODE UPON BUS FAILURES
s
TWO-EDGE SENSITIVE WAKE-UP PIN
s
SUPPORTS TRANSMISSION WITH GROUND
SHIFT VOLTAGES:
SINGLE WIRE: 1.5V
DIFFERENTIAL WIRE: 3v
s
AN UNPOWERED NODE OR UNSUFFICIENT
SUPPLIES DO NOT DISTURB THE BUS
LINES
DESCRIPTION
The L9669 is an integrated circuit which contains a
CAN physical line interface. It integrates all main lo-
cal functions for automotive body electronic applica-
tions connected to a CAN bus.
SO14
ORDERING NUMBER: L9669
FAULT TOLERANT CAN TRANSCEIVER
Figure 1. Block Diagram
75k
99AT0001
Wake-up
Control
12.5k
7
2
TXD
Control
CANH
Driver
CANH
Driver
Filter
Receiver
Error
Management
& Diagnosis
CANL Termination
CANH Termination
Low
Power
Control
100k
100k
5
6
14
1
Voltage
Regulator
INH
VS
+5V
3
8
9
4
RTL
NERR
RTH
RXD
11
CANH
12
CANL
R
RTH
R
RTL
CAN
BUSLINE
13
GND
WAKE
TXD
NSTB
EN
KL30
(+12V)
10
VCC
VCC
5Vint


Similar Part No. - L9669

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
L9660TR STMICROELECTRONICS-L9660TR Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
L9662 STMICROELECTRONICS-L9662 Datasheet
1Mb / 80P
Octal squib driver and quad Manchester/PSI5 encoded sensor
08-Sep-2015
L9662TR STMICROELECTRONICS-L9662TR Datasheet
1Mb / 80P
Octal squib driver and quad Manchester/PSI5 encoded sensor
08-Sep-2015
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
More results

Similar Description - L9669

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 15
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
Fault-tolerant CAN transceiver
1999 Feb 11
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com