Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics L9669 Datasheet HTML 10Page - STMicroelectronics L9669 Datasheet HTML 11Page - STMicroelectronics L9669 Datasheet HTML 12Page - STMicroelectronics L9669 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
L9669
10/13
1.4 Diagnosis
A serial interface is available to retrieve diagnostic informations. Diagnostic data can be requested by using EN
as serial clock and evaluating NERR.
Figure 4.
Readout is initialized by a negative edge on EN and acknowledged by NERR entering HIGH state. Following
the next negative edge the first error status bit is displayed on NERR according to the data table below. If no
edge on EN is detected for a time longer than tDmax diagnosis is disabled and operation continuous in the mode
given by NSTB and EN with NERR showing bus errors or wake-up correspondingly. If the clock continues, the
readout sequence starts over again with the initial bit set HIGH.
The following errors are displayable (sequence listed in chronological order):
– error status bit 1 (LSB):
HIGH if Error 1 or 5
– error status bit 2:
HIGH if Error 2 or 9
– error status bit 3:
HIGH if Error 3
– error status bit 4:
HIGH if Error 4
– error status bit 5:
HIGH if Error 6
– error status bit 6:
HIGH if Error 8
– error status bit 7:
HIGH if Error 10
– error status bit 8:
HIGH if Thermal shutdown of Transceiver
1.5 Protections
A current limiting circuit protects the transmitter outputs against short-circuit to battery, ground and shorted
wires.
If the junction temperature exceeds a maximum value, the transmitter output stages are disabled.
99AT0004
E1
or E5
E2
or E9
E3
E4
EN
NERR
Mode
NSTB
Bus Error
detected
(Example)
Normal
RXonly
Standby
No Bus Errors
Delay between falling slope at EN and reaction at NERR: 0.7
µs...3.0 µs
(NERR is synchronized with internal clock).
t
Dmax
Diagnosis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com