Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics L9669 Datasheet HTML 10Page - STMicroelectronics L9669 Datasheet HTML 11Page - STMicroelectronics L9669 Datasheet HTML 12Page - STMicroelectronics L9669 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
L9669
1.3 Error Management
Ten different errors on the physical buslines can be distinguished:
Not all of these errors leads to a breakdown of the whole communication. So the errors can be categorized into
“negligible” (severity 0), “problematic” (severity 1) and “severe” (severity 2).
Negligible Errors
Transmitter
Error 1, 2, 4 or 8:
In all cases data still can be transmitted in differential mode.
Receiver
Error 1, 2, 5 or 9:
In all cases data still can be received in differential mode.
Problematic Errors
Transmitter
Error 3 or 6:
Data are transmitted using the remaining dataline (single wire).
Receiver
Error 3 or 6:
Data are received using the remaining dataline (single wire).
Severe Errors
Transmitter
Error 5 or 9:
Data are transmitted using the remaining dataline after short circuit detection.
Error 7:
Data are transmitted on CANH or CANL after overcurrent was detected.
Error 10:
Transmission is terminated (fail safe).
Receiver
Error 7:
Data are received on CANH or CANL after detection of permanent dominant state.
Error 4 or 8:
Data are received on CANH or CANL after short circuit was detected.
Error 10:
Data are received normally, error is detected by protocol unit.
Upon any error in normal or RXonly mode the NERR output will be forced LOW and released after error recovery.
N
Type of Errors
Severity
RX
TX
Errors caused by damage of the datalines or isolation
1
CANH wire interrupted (floating or tied to termination)
0
0
2
CANL wire interrupted (floating or tied to termination)
0
0
3
CANH short circuit to VS (overvoltage condition)
1
1
4
CANL short circuit to GND (permanently dominant)
2
0
5
CANH short circuit to GND (permanently recessive)
0
2
6
CANL short circuit to VS (overvoltage condition)
1
1
7
CANL shorted to CANH
2
2
Errors caused by misbehaviour of transceiver stage
8
CANH short circuit to VCC (permanently dominant)
2
0
9
CANL short circuit to VCC (permanently recessive)
0
2
Errors caused by defective protocol unit
10
CANH, CANL driven dominant for more than 1.3 ms
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com