Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 2 Page - STMicroelectronics

  L9669 Datasheet HTML 1Page - STMicroelectronics L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L9669
2/13
Figure 2. Pin Connection top view.
Table 1. Pin Functions
Table 2. Thermal Data
Pin
Function
1INH
Inhibit Output - for switching external 5V Regulator
2TXD
Transmit Data Input - active LOW dominant Bit transmission
3RXD
Receive Data Output - active LOW dominant Bit reception
4NERR
Error/Diagnostic Output - active LOW error/Wake-up and Diagnostic output
5NSTB
Not Standby Input - Digital control signal for low power modes
6EN
Enable Input/Diagnostic Clock -
Digital control signal for low power modes/Diagnostic clock
7
WAKE
Wake-Up Input - If level of VWAKE changes the device initiates a wake-up from sleep mode by
switching INH to VS
8RTH
Termination Resistor for CANH - controlled by internal error management
9RTL
Termination Resistor for CANL - controlled by internal error management
10
VCC
Supply Voltage Input - +5V
11
CANH
High Voltage Bus Line - High: dominant state
12
CANL
Low Voltage Bus Line - Low: dominant state
13
GND
Ground
14
VS
Battery Voltage Input - +12V
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction to ambient
120
°C/W
99AT0002
1
2
3
4
5
6
7
INH
TXD
RXD
NERR
NSTB
EN
WAKE
14
13
12
11
10
9
8
VS
GND
CANL
CANH
VCC
RTL
RTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com