Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 4 Page - STMicroelectronics

  L9669 Datasheet HTML 1Page - STMicroelectronics L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L9669
4/13
2.6
VCANLd
CANL dominant output voltage
VTXD = 0V
ICANL = 40mA
1.4
V
2.7
ICANH
CANH output current
VCANH = 0V
VTXD = 0V
-160
-110
-70
mA
2.8
ICANL
CANL output current
VCANL = 5V
VTXD = 0V
70
110
160
mA
2.9
ICANHl
CANH leakage current
VCANH = 14V
Sleep mode.
0
µA
2.10
ICANLl
CANL leakage current
VCANL = 0V
Sleep mode.
0
µA
2.11
VCANHWK CANH wake-up voltage
Sleep/standby mode.
1.2
1.9
2.7
V
2.12
VCANLWK CANL wake-up voltage
Sleep/standby mode.
2.4
3.1
3.8
V
2.13
VCANHs
CANH single ended receiver
threshold
Normal mode.
VCC = 5V
1.5
1.8
2.15
V
2.14
VCANLs
CANL single ended receiver
threshold
Normal mode.
VCC = 5V
2.7
3.1
3.4
V
2.15
VCANHOV CANH overvoltage detection
threshold
Normal mode.
VCC = 5V
7.2
V
2.16
VCANLOV CANL overvoltage detection
threshold
Normal mode.
VCC = 5V
7.2
V
2.17
tdrd
Propagation delay
TXD to RXD
recessive to dominant
10% to 90%
C1 = C2 = 3.3nF
R1 = 100Ω
1
1.6
µs
2.18
tddr
Propagation delay
TXD to RXD
recessive to dominant
10% to 90%
C1 = C2 = 3.3nF
R1 = 100Ω
2.2
µs
2.19
tr,f
CANH, CANL output
rise/fall time
dominant to recessive
10% to 90%
C1 = C2 = 3.3nF
R1 = 100Ω
0.6
1.5
µs
2.20
tr,f
CANH, CANL output
rise/fall time
dominant to recessive
10% to 90%
C1 = C2 = 3.3nF
R1 = 100Ω
2.6
6
µs
2.21
twuCAN
Minimum dominant time for
wake-up on CANH or CANL
Sleep/standby mode.
8
44
µs
2.22
twuWK
Minimum pulse time for
wake-up on WAKE
Sleep/standby mode
4
44
µs
Table 4. Electrical Characteristcs (continued)
VCC = 4.75V to 5.25V, VS = 6V to 28V, Tj =-40°C to 150°C unless otherwise specified.
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com