Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9669 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9669
Description  FAULT TOLERANT CAN TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9669 Datasheet(HTML) 3 Page - STMicroelectronics

  L9669 Datasheet HTML 1Page - STMicroelectronics L9669 Datasheet HTML 2Page - STMicroelectronics L9669 Datasheet HTML 3Page - STMicroelectronics L9669 Datasheet HTML 4Page - STMicroelectronics L9669 Datasheet HTML 5Page - STMicroelectronics L9669 Datasheet HTML 6Page - STMicroelectronics L9669 Datasheet HTML 7Page - STMicroelectronics L9669 Datasheet HTML 8Page - STMicroelectronics L9669 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L9669
Table 3. Absolute Maximum Ratings
For externally applied voltages or currents exceeding these limits damage of the circuit may occur!
Notes: 1. All pins of the IC are protected against ESD. The verification is performed according to MIL 883C, human body model with
R = 1.5k
Ω, C = 100pF and discharge voltage ±2kV, corresponding to a maximum discharge energy of 0.2mJ.
2. Voltage forced means voltage limited to specified values while current is not limited. Current forced means voltage unlimited but
current limited to specified value.
Symbol
Parameter
Value
Unit
VS-DC
DC operating battery voltage
-0.3 to +28
V
VS-P
Pulse operating battery voltage (t<400ms)
-0.3 to +40
V
VCC
Supply voltage
-0.3 to +6
V
VCANH,L-DC DC voltage CANH, CANL
-28 to +40
V
VX
Voltage TXD, RXD, NERR, NSTB, EN
-0.3 to VCC+0.3
V
VWAKE
Voltage WAKE
-0.3 to VS+0.3
V
TSTG
Storage temperature
-55 to +150
oC
Tj
Operating junction temperature
-40 to +150
oC
Table 4. Electrical Characteristcs
VCC = 4.75V to 5.25V, VS = 6V to 28V, Tj =-40°C to 150°C unless otherwise specified.
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1
Supplies
1.1
ISSL
Supply current in sleep mode
(ISSL = IVS)
VCC = 0V, VS = 14V
37
65
µA
1.2
ISSB
Supply current in standby mode
(ISSB = IVS + IVCC)
IINH = 0
110
160
µA
1.3
ISND
Supply current in normal mode
(ISND = IVS + IVCC)
VS = 14V, VTXD = 0
(dominant state)
no load at CAN
27
mA
2
CAN Line Interface
2.1
Vr-d
Differential receiver recessive to
dominant threshold
VCANH - VCANL
No bus errors.
VCC = 5V
-3.50
-2.20
V
2.2
Vd-r
Differential receiver dominant to
recessive threshold
VCANH - VCANL
No bus errors.
VCC = 5V
-3.85
-2.5
V
2.3
VCANHr
CANH recessive output voltage
VTXD = VCC
RRTH < 4kΩ
0.35
V
2.4
VCANHd
CANH dominant output voltage
VTXD = 0V
ICANH = -40mA
VCC-
1.4
V
2.5
VCANLr
CANL recessive output voltage
VTXD = VCC
RRTH < 4kΩ
VCC-
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com